Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega128 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # ATmega128
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button ATmega128 Datasheet HTML 46Page - ATMEL Corporation ATmega128 Datasheet HTML 47Page - ATMEL Corporation ATmega128 Datasheet HTML 48Page - ATMEL Corporation ATmega128 Datasheet HTML 49Page - ATMEL Corporation ATmega128 Datasheet HTML 50Page - ATMEL Corporation ATmega128 Datasheet HTML 51Page - ATMEL Corporation ATmega128 Datasheet HTML 52Page - ATMEL Corporation ATmega128 Datasheet HTML 53Page - ATMEL Corporation ATmega128 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
Using AVR Studio
5-10
AVR STK500 User Guide
1925C–AVR–3/03
f
Set fuse bytes. “value” is a 16-bit hex. value describing the settings for the upper
and lower fuse.
E
Set extended fuse byte. “value” is an 8-bit hex. value describing the extend fuse
settings.
F
Verify fuse bytes. “value” is a 16-bit hex. value to verify against.
G
Verify extended fuse byte. “value” is an 8-bit hex. value describing the extend fuse
settings.
q
Read back fuse bytes.
x
Fill unspecified locations with a value (0x00-0xff). The default is to not program
locations not specified in the input files.
af
FLASH address range. Specifies the address range of operations. The default is
the entire FLASH. Byte addresses.
ae
EEPROM address range. Specifies the address range of operations. The default
is the entire EEPROM. Byte addresses.
c
Select communication port; “com1” to “com8”. If this parameter is omitted the
program will scan the comm. ports for the STK500
ut
Set target voltage VTARGET in Volts. “value” is a floating point value between 0.0
and 6.0, describing the new voltage.
ua
Set adjustable voltage AREF in Volts. “value” is a floating point value between 0.0
and 6.0, describing the new voltage.
wt
Get current target voltage VTARGET.
wa
Get current adjustable voltage AREF.
b
Get revisions; hardware revision (h) and software revision (s).
!
Set oscillator frequency; “freq” is the frequency in Hz.
t
Get oscillator frequency.
g
Silent operation.
z
No progress indicator. For example, if piping to a file for log purposes, use this
option to avoid the non-ascii characters used for the indicator.
h|?
Help information (overrides all other settings)
Figure 5-9. Sample Usage
stk500
-dAT90S8515
-ms
-e
-pf
-vf
-iftest.hex
Erase before Program
Program Flash
Name of hex File
Select Device Number
Serial Programming Mode
Verify Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com