Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4HD-EM Datasheet(PDF) 4 Page - THOR communications

Part # 4HD-EM
Description  2ch or 4ch HD-SDI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

4HD-EM Datasheet(HTML) 4 Page - THOR communications

  4HD-EM Datasheet HTML 1Page - THOR communications 4HD-EM Datasheet HTML 2Page - THOR communications 4HD-EM Datasheet HTML 3Page - THOR communications 4HD-EM Datasheet HTML 4Page - THOR communications 4HD-EM Datasheet HTML 5Page - THOR communications 4HD-EM Datasheet HTML 6Page - THOR communications 4HD-EM Datasheet HTML 7Page - THOR communications 4HD-EM Datasheet HTML 8Page - THOR communications 4HD-EM Datasheet HTML 9Page - THOR communications Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
H-2/4HD-EM(S/H)
Chapter 1 Introduction
1.1 Product Overview
The Thor H-2/4HD-EM is our new pro broadcast featured encoder that features
high end performance with powerful functionality. It comes equipped with 2/4
HD-SDI channel inputs that support: MPEG-2 & H.264 video encoding with
MPEG-1 layer 2, LC-AAC, HE-AAC, and AC3 audio encoding. The 2/4 SDI inputs
will be output via either ASI or IP in MPTS or SPTS.
This encoder will be an ideal chassis to support any DVB-ASI programming as it
adopts the necessities to output AC3 audio and Closed Caption 608 &708. Also
comes’ stock with dual power supply, as a back-up units is on standby to ensure
your unit won’t fail. Structured to facilitate to the demanding needs of any broadcast,
this encoder series is the newest addition to Thor’s Broadcast Encoders.
1.2 Key Features
Dual power supply
MPEG2 HD/SD & MPEG4 AVC/H.264 HD/SD video encoding
MPEG1 Audio Layer 2, LC-AAC, HE-AAC and AC3 audio encoding
4*HD-SDI input
Support VBR/CBR rate control mode
Support CC (closed caption) EIA 608 & EIA 708
Low Latency function
Supports PSI/SI editing and inserting
Supports IP null packet filter
ASI output, IP (MPTS & 4 SPTS) output over UDP, RTP
LCD display, Remote control and firmware
Web-based NMS management; Updates via web



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com