Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F-M8SD Datasheet(PDF) 1 Page - THOR communications

Part # F-M8SD
Description  Eight HDSDI Fiber Transport Kit with Dual Aux Ports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-M8SD Datasheet(HTML) 1 Page - THOR communications

  F-M8SD Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
 
F-M8SDI
 
8 CH FIBER OPTIC HD-SDI LINK 
Single Fiber With Return 
 
Eight HD­SDI Fiber Transport Kit with Dual Aux Ports  
Single fiber transport for SDI video, audio, serial data, & contact closure 
 
 
 
The F­M8SDI fiber link provides 8 full rate 
HD­SDI signals, return path RS­485, and 
two optional auxiliary ports that can be 
custom ordered to support analog audio, 
RS­232/422, or contact closure circuits. 
All transported over a single fiber strand. 
The standard unit without options provides one directional RS­485 data from the receiver unit 
to the transmitter.  This can be used for control applications such as PTZ controllers or video 
switches.  This also allows a return path that provides a link alarm indicator on both units that 
indicates when an optical link is not present.  Each aux option must be ordered at the time of 
purchase, and the units cannot be converted from one option to the other.  Consult a sales 
representative for more details. 
 
 
Product Specifications and Information Table 
HD­SDI Interface
 
 
RS485 Interface
 
 
Connectors 
8x BNC 
Connector 
Terminal Block connector 
Bit rate 
1.485Gb/s  
Baud rate 
0 ~ 115.2Kb/s 
Impedance 
75Ω 
Bit error ratio 
<10­9 
Return loss 
>15dB 
Duplex 
Half­duplex 
Output level 
800mVp­p±10% 
Power Consumption 
 
Rise and fall time
(HD­SDI) 
≤270ps 
Power supply 
DC 12V 
HD­SDI Alignment jitter (100KHz)  ≤0.2UI 
DC input voltage range 
8V~14V  
HD­SDI Timing jitter (10Hz) 
<1.0UI 
Power consumption 
3W±10
% 
Standard 
SMPTE­292M HD­SDI  
Environmental 
 
Audio Interface (Optional)   
Working temperature 
­30
~60℃ 
Connector 
Terminal Block  
Relative Humidity 
≤95
%, no condensation 
Impedance 
 high­impedance 600Ω 
Storage temperature 
­40
~85℃ 
Bandwidth  
20Hz~20KHz 
Dimentions 
 
Total Harmonic Distortion 
0.1% 
1RU  Enclosure 
180mm x 123mm x 30mm 
 
Copyright 2014      Thor Broadcast
1-800-521-8467 (Phone)
Sales@ThorFiber.com
 


Similar Part No. - F-M8SD

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-M1SDI THOR-F-M1SDI Datasheet
784Kb / 1P
One HDSDI Fiber Transport Kit with Return RS485
F-M2SDI THOR-F-M2SDI Datasheet
1Mb / 1P
Two HDSDI Fiber Transport Kit with Optional Aux
F-M4SDI THOR-F-M4SDI Datasheet
1Mb / 1P
Four HDSDI Fiber Transport Kit with Optional Aux
More results

Similar Description - F-M8SD

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA360 AXIOMTEK-NA360 Datasheet
213Kb / 1P
Supports eight 10/100/1000Mbps Ethernet ports
logo
THOR communications
F-1ASI THOR-F-1ASI Datasheet
2Mb / 1P
DVB-ASI Over Fiber Transport
F-M1SDI THOR-F-M1SDI Datasheet
784Kb / 1P
One HDSDI Fiber Transport Kit with Return RS485
F-M2SDI THOR-F-M2SDI Datasheet
1Mb / 1P
Two HDSDI Fiber Transport Kit with Optional Aux
F-M4SDI THOR-F-M4SDI Datasheet
1Mb / 1P
Four HDSDI Fiber Transport Kit with Optional Aux
logo
PHOENIX CONTACT
2819969 PHOENIX-2819969 Datasheet
79Kb / 2P
Transport protection for optic fiber bus connection
logo
Maxim Integrated Produc...
DS33Z44DK MAXIM-DS33Z44DK Datasheet
4Mb / 59P
Ethernet Transport Design Kit
REV: 110106
DS33Z41DK MAXIM-DS33Z41DK Datasheet
2Mb / 44P
Ethernet Transport Design Kit
REV: 110106
DS33R11DK MAXIM-DS33R11DK Datasheet
811Kb / 44P
Ethernet Transport Design Kit
Rev: 030508
MAX7328 MAXIM-MAX7328 Datasheet
726Kb / 11P
I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com