Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-PK Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TBU-PK
Description  High-Speed Protectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-PK Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TBU-PK Datasheet HTML 1Page - Bourns Electronic Solutions TBU-PK Datasheet HTML 2Page - Bourns Electronic Solutions TBU-PK Datasheet HTML 3Page - Bourns Electronic Solutions TBU-PK Datasheet HTML 4Page - Bourns Electronic Solutions TBU-PK Datasheet HTML 5Page - Bourns Electronic Solutions TBU-PK Datasheet HTML 6Page - Bourns Electronic Solutions TBU-PK Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TBU-PK Series - TBU® High-Speed Protectors
Functional Block Diagram
Reference Application
The TBU-PK Series are high-speed protectors used in voice/
VolP SLIC applications. The maximum voltage rating of the TBU®
device should never be exceeded. Where necessary, an OVP
device should be employed to limit the maximum voltage. A cost-
effective protection solution combines Bourns® TBU®
protection devices with a pair of Bourns® MOVs. For bandwidth
sensitive applications, a Bourns® GDT may be substituted for the
MOV. If EN55024 EMC compliance is required, the TBU® device
may require capacitors to be fitted between the Tip and Ring
connections and ground.
The TBU® device, constructed using MOSFET semiconduc-
tor technology, placed in the system circuit will monitor the
current with the MOSFET detection circuit triggering to provide
an effective barrier behind which sensitive electronics are not
exposed to large voltages or currents during surge events. The
TBU® device operates in approximately 1 µs - once line current
exceeds the TBU® device’s trigger current Itrigger. When oper-
ated, the TBU® device restricts line current to less than 1 mA
typically. When operated, the TBU® device will block all system
voltages and any other voltages including the surge in each
case up to rated limits.
When the voltage on the SLIC output is driven below
(Vbat – Vto) the TBU-PK series device switches to the
blocking state, regardless of output current in the device.
After the surge, the TBU® device resets when the voltage
across the TBU® device falls to the Vreset level. The TBU®
device will automatically reset on lines which have no DC bias
or have DC bias below Vreset (such as unpowered signal lines).
If the line has a normal DC bias above Vreset, the voltage
across the TBU® device may not fall below Vreset after the
surge. In such cases, special care needs to be taken to ensure
that the TBU® device will reset, with software monitoring as one
method used to accomplish this. Bourns application
engineers can provide further assistance.
Basic TBU Operation
Line 1
HIGH
VOLTAGE
SWITCH
Line 1 SLIC
Vss
Line 2
Line 2 SLIC
CURRENT
SENSE
+
VOLTAGE
COMPARATOR
HIGH
VOLTAGE
SWITCH
CURRENT
SENSE
+
VOLTAGE
COMPARATOR
Vss
Vdd
Vss
Vdd
Vdd
MOV
MOV
TBU®
Device
GND
Line 1
SLIC
Vdd
Vss
Line 2
SLIC
Line 1
Line 2
Applications
SLIC protection
Cable & DSL
MDU/MTU modems
ONT
Voice/DSL line cards
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com