Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-PL Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TBU-PL
Description  High-Speed Protectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-PL Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TBU-PL Datasheet HTML 1Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 2Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 3Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 4Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 5Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 6Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TBU-PL Series - TBU® High-Speed Protectors
Performance Graphs
Typical V-I Characteristics (TBU-PL085-200-WH)
Tracking Voltage Characteristics
Typical Trigger Current vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25 0255075 100 125
Junction Temperature (°C)
2.2
1.6
1.8
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25 0255075 100 125
Junction Temperature (°C)
Typical Resistance vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25 0255075 100 125
Junction Temperature (°C)
2.2
1.6
1.8
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25 0255075 100 125
Junction Temperature (°C)
CURRENT
(50 mA/div)
VOLTAGE
(5 V/div)
ITRIP
VRESET
Power Derating Curve
Ambient Temperature (°C)
20
3.0
2.5
2.0
1.5
1.0
0.5
0.0
40
60
80
100
120
140
No additional PCB Cu (1 TBU® Protector)
0.5 sq. in. additional PCB CU (1 TBU® Protector)
No additional PCB Cu (2 TBU® Protectors)
0.5 sq. in. additional PCB CU (2 TBU® Protectors)
100
90
80
70
60
50
40
-4
-3
-2
-1
01
23
4
Voltage threshold offset (V)
Vbat range of -25 V to -150 V
Typical Surge Response
Voltage: 100 V/div
Time: 250 ns/div
Current: 100 mA/div
(TBU-PL050-100-WH with MOV-07D201K
Using 1800 V 1.2/50 ms Surge Pulse)
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com