Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F-RF-R Datasheet(PDF) 8 Page - THOR communications

Part # F-RF-R
Description  Installation and User Guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-RF-R Datasheet(HTML) 8 Page - THOR communications

  F-RF-R Datasheet HTML 1Page - THOR communications F-RF-R Datasheet HTML 2Page - THOR communications F-RF-R Datasheet HTML 3Page - THOR communications F-RF-R Datasheet HTML 4Page - THOR communications F-RF-R Datasheet HTML 5Page - THOR communications F-RF-R Datasheet HTML 6Page - THOR communications F-RF-R Datasheet HTML 7Page - THOR communications F-RF-R Datasheet HTML 8Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Clean and maintenance method of the optical fiber active connector
In many times, we misjudge the decline of the optical power or the reduce of optical receiver
output level as the equipment faults, but actually it may be caused by the incorrect connection
of the optical fiber connector or the optical fiber connector has been polluted by the dust or dirt.
Now introduce some common clean and maintenance methods of the optical fiber active
connector.
1. Carefully screw off the optical fiber active connector from the adapter. The optical fiber
active connector should not aim at the human body or the naked eyes to avoid accidental
injury.
2. Wash carefully with good quality lens wiping paper or medical degrease alcohol cotton. If
you use the medical degrease alcohol cotton, still need to wait 1~2 minutes after wash, let
the connector surface dry in the air.
3. The cleaned optical fiber active connector should be connected to optical power meter to
measure output optical power to affirm whether it has been cleaned up.
4. When screw the cleaned optical fiber active connector back to adapter, should notice to
make the force appropriate to avoid the ceramic tube in the adapter crack.
5. If the output optical power is not normal after cleaning, should screw off the adapter and
clean the other connector. If the optical power still low after cleaning, the adapter may be
polluted, clean it. (Note: Be carefully when screw off the adapter to avoid hurting inside
fiber.)
6. Use the dedicated compressed air or degrease alcohol cotton bar to clean the adapter.
When use the compressed air, the muzzle of the compressed air tank should aims at the
ceramic tube of the adapter, clean the ceramic tube with compressed air. When use
degrease alcohol cotton bar, carefully insert the alcohol cotton bar into the ceramic tube to
clean. The insert direction should be consistent, otherwise can not reach ideal cleaning
effect.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com