Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F-RF-RX Datasheet(PDF) 3 Page - THOR communications

Part # F-RF-RX
Description  RF Mini Optical Receiver F-RF-RX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-RF-RX Datasheet(HTML) 3 Page - THOR communications

  F-RF-RX Datasheet HTML 1Page - THOR communications F-RF-RX Datasheet HTML 2Page - THOR communications F-RF-RX Datasheet HTML 3Page - THOR communications F-RF-RX Datasheet HTML 4Page - THOR communications F-RF-RX Datasheet HTML 5Page - THOR communications F-RF-RX Datasheet HTML 6Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.0
PRODUCT DESCRIPTION
F-RF-RX, typical output level
≥ 22 dBmV when the receiving optical power is
-2dBm (see section 6 and 7). Receiver is generally used in FTTH applications, for
residential and business applications, and may also serve as a technicians handheld
tool for testing and troubleshooting. Works well for School, Hospitality and Government
applications.
As an RF/ Cable TV optical receiver unit, it provides a high index, low
power consumption and good performance at a very low cost.
This series product adopts high sensitivity receiving tube and special low
noise matching circuit. Under 3.8% modulation, when transmitting at full
channel capacity and with receiving power of -10dBm, the CNR can still reach a high
index of 45dB. Therefore, wwhen adopting the F-RF-RX, it requires a very low
optical power to reach 45dB CNR required by the user.
The F-RF-RX optical receiver operates wwith a wwide o
ptical input range in the
1210~1600nm wavelength.
Receiver is also capable of receiving return path 5-42MHz signals
2.0
PRODUCT FEATURES
Extra-low noise(3.8% modulate, -10dBm receive, CNR ≥ 45dB)
All receiving optical power in the range of +3dBm to -12dBm offer good
linearity
In the range of 47~862MHz, excellent flatness (FL≤± 1.0dB)
*Expanded bandwidth capability offers return path 5-42MHz range
Metal shell, supply safeguards to opto-electrical sensing device
High output level can supply many users/TV’s
Low power consumption, high cost performance
3.0
MAIN APPLICATION
FTTH
FTTP, FTTO
Page 1 of 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com