Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H-1ASI-IP Datasheet(PDF) 1 Page - THOR communications

Part # H-1ASI-IP
Description  The H-1ASI-IP is a video gateway for DVB-IP systems
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

H-1ASI-IP Datasheet(HTML) 1 Page - THOR communications

  H-1ASI-IP Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: H-1ASI-IP
The H-1ASI-IP is a video gateway for DVB-IP
systems. It is often difficult and expensive to
set up DVB-ASI video transport links between
remote sites and central locations. Our IP
gateway offers an inexpensive and reliable
method for MPEG transport of ASI video over existing Ethernet IP networks. The H-1ASI-IP is an IP
encapsulater, meaning that the MPEG transport streams are carried over the packet based network.
Wireless access points and wireless bridges can also be used to increase functionality and versatility.
The ASI video gateway is an ideal solution for all of your MPEG transport over IP needs. Our units
feature a powerful embedded CPU for reliable encoding performance. The network interface is fully
compatible with all 10/100M Base-T networking equipment. Our UDP based protocol is specifically
designed for transporting video. We can include an ASI loop out on request, and our units feature
management via RJ-45 to work with our remote control software. These are rack-mount units that are
easy to install in broadcast headends. We now offer units that are bi-directional, transporting a DVB-
ASI stream in both directions.
Typical H-1ASI-IP Application
Technical Specifications
Management Interface RJ45
Ethernet Interface
100Base-T or 100/1000Base-T RJ45
Remote Management
Via SNMP, RJ45
ASI Input Interface
BNC 75 Ohm
ASI Output Interface
BNC 75 Ohm
Power Supply
DC 5V or DC 12 V
Power Consumption
< 2W or <15W
Dimensions
482mm*245mm*45mm
Weight
2.6KG
Temperature
0°C to 40°C
Humidity
10-90%, non-condensing
Ethernet Parameters
10/100 duplex/semi-duplex
100/1000 duplex/semi-duplex
Max ASI Bit Rate
60 Mbps
65 Mbps Option Available
ASI Loop-Out
Option Available
Expandability
Can Customize most Options
DVB-ASI Transport Stream In/Out
Up to 50 Mbps
10/100 or 100/1000 Base-T
Ethernet Network
DVB-ASI Transport Stream In/Out
Up to 50 Mbps


Similar Part No. - H-1ASI-IP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-1-4 MACOM-H-1-4 Datasheet
102Kb / 1P
UHF Hybrid Junction 5 MHz - 1 GHz
H-1-4BNC MACOM-H-1-4BNC Datasheet
102Kb / 1P
UHF Hybrid Junction 5 MHz - 1 GHz
H-1-4N MACOM-H-1-4N Datasheet
102Kb / 1P
UHF Hybrid Junction 5 MHz - 1 GHz
H-1-4SMA MACOM-H-1-4SMA Datasheet
102Kb / 1P
UHF Hybrid Junction 5 MHz - 1 GHz
H-1-4TNC MACOM-H-1-4TNC Datasheet
102Kb / 1P
UHF Hybrid Junction 5 MHz - 1 GHz
More results

Similar Description - H-1ASI-IP

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
SCALER-1 ZORAN-SCALER-1 Datasheet
134Kb / 1P
Video Scaler IP Core
logo
THOR communications
H-HDMI-IP THOR-H-HDMI-IP Datasheet
95Kb / 1P
Typical H-HDMI-IP Application
logo
Xilinx, Inc
DS730 XILINX-DS730 Datasheet
1Mb / 46P
LogiCORE IP Video Direct
logo
List of Unclassifed Man...
GM8135S ETC1-GM8135S Datasheet
472Kb / 2P
Economic H.264 IP Camera Application
CM2002 ETC1-CM2002 Datasheet
1Mb / 10P
One-Camera IP Video Server
logo
NHP Electrical Engineer...
AB7007 NHP-AB7007 Datasheet
384Kb / 1P
ANYBUS GATEWAY ETH/IP-M/BUS RTU
logo
Advantech Co., Ltd.
EKI-1242EIMS ADVANTECH-EKI-1242EIMS Datasheet
257Kb / 2P
Modbus RTU/TCP to Ethernet/IP Fieldbus Gateway
17-Jan-2019
logo
NHP Electrical Engineer...
PLX31-EIP-MBS NHP-PLX31-EIP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO SERIAL MODBUS
12 May 2023,
PLX31-EIP-MBTCP NHP-PLX31-EIP-MBTCP Datasheet
597Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO MODBUS TCP GATEWAY
12 May 2023,
PLX32-EIP-PND NHP-PLX32-EIP-PND Datasheet
327Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO PROFINET DUAL SUBNETS
12 May 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com