Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA84C641 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA84C641
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C641 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA84C641 Datasheet HTML 15Page - NXP Semiconductors PCA84C641 Datasheet HTML 16Page - NXP Semiconductors PCA84C641 Datasheet HTML 17Page - NXP Semiconductors PCA84C641 Datasheet HTML 18Page - NXP Semiconductors PCA84C641 Datasheet HTML 19Page - NXP Semiconductors PCA84C641 Datasheet HTML 20Page - NXP Semiconductors PCA84C641 Datasheet HTML 21Page - NXP Semiconductors PCA84C641 Datasheet HTML 22Page - NXP Semiconductors PCA84C641 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
1996 Nov 29
19
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
12 ON SCREEN DISPLAY
12.1
Features
• Display format: 2 rows × 16 characters
• Software controlled vertical and horizontal display
position
• 64 different (mask programmable) characters in ROM
• Black box background
• Four programmable display character sizes
• Four programmable character dot matrix sizes:
–6
× 9 and 6 × 13
–8
× 9 and 8 × 13
• Half-dot rounding for the whole screen
• 4 from 7 colours possible on screen
• Clock generator for On Screen Display function with:
– RC oscillator
– LC oscillator,
for the various types of PCA84C44X; 84C64X; 84C84X.
12.2
Horizontal display position control
The horizontal position counter is incremented every OSD
cycle after the programmed level of HSYNCN occurs at the
HSYNCN pin. The counter is reset when the opposite
polarity of the HSYNCN pulse is reached.
12.3
Vertical display position control
The vertical position counter is incremented every
HSYNCN cycle and is reset by the VSYNCN signal.
12.4
Clock generator
There are two types of oscillators available for the various
types. The oscillator is triggered on the trailing edge of
HSYNCN when the OSD logic is enabled and stops on the
following leading edge of HSYNCN.
The OSD oscillator must be externally adjusted to the
desired frequency (decreasing the OSD frequency gives
broader characters). Before the oscillation frequency can
be adjusted HSYNCN must be HIGH (if HLVL = 1).
Oscillation stops by setting the HSYNCN pin LOW when
HLVL = 1.
12.4.1
RC OSCILLATOR
The RC oscillator is available in the types:
PCA84C440; 84C443; 84C640; 84C643;
84C840; 84C843.
The external RC network is connected between
pin 28 and VSS (see Fig.19).
12.4.2
LC OSCILLATOR
The LC oscillator is available in the types:
PCA84C441; 84C444; 84C641; 84C644;
84C841; 84C844.
The external LC network is connected between
pins 28 and 29 (see Fig.20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com