Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA84C643 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCA84C643
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C643 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCA84C643 Datasheet HTML 32Page - NXP Semiconductors PCA84C643 Datasheet HTML 33Page - NXP Semiconductors PCA84C643 Datasheet HTML 34Page - NXP Semiconductors PCA84C643 Datasheet HTML 35Page - NXP Semiconductors PCA84C643 Datasheet HTML 36Page - NXP Semiconductors PCA84C643 Datasheet HTML 37Page - NXP Semiconductors PCA84C643 Datasheet HTML 38Page - NXP Semiconductors PCA84C643 Datasheet HTML 39Page - NXP Semiconductors PCA84C643 Datasheet HTML 40Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
1996 Nov 29
37
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
handbook, halfpage
024
6
MLC005
V
(V)
DD
(3)
(2)
(1)
200
0
160
120
80
40
IOH
(mA)
Ports P0, P1, DP0 and DP1; VO = 0.7VDD.
(1) Tamb = −20 °C.
(2) Tamb =25 °C.
(3) Tamb =80 °C.
Fig.34 Typical HIGH level pull-up output source
current as a function of the supply voltage.
handbook, halfpage
02
46
5
4
2
1
0
3
MLC003
IOH
(mA)
V
(V)
DD
(3)
(2)
(1)
Fig.35 Typical HIGH level pull-up output source
current as a function of the supply voltage.
Outputs VOW1, VOW2, VOW3 and VOB; VO =VDD − 0.4 V.
(1) Tamb = −20 °C.
(2) Tamb =25 °C.
(3) Tamb =80 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com