Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2502 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C2502
Description  Phase-Locked Loop Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2502 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C2502 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2502
Phase-Locked Loop Clock Driver
5
PS8382B
03/20/02
SchematicDrawing
AGND
4.7µF
1.5µH
.002µF
.22µF
4.7µF
.002µF
.22µF
3.3V
Power
Supply
VCC
CLK_OUT
CLK_IN
INPUT_CLOCK
25-150 MHZ
AVCC
Board
AVCC
FB_IN
5-12pF
Feedback
Capacitor
Decoupling Capacitors
Series Terminating Resistor
PI6C2502
1.5µH
FB_OUT
GND
ClockChipLayout
AVCC Island for PI6C2510
AVCC
GND
C
R
C
C
CFB
CLK_IN
AGND
AGND
AGND
GND
VCC
Use Wider Traces for Ground and Power
(0.034-inch width, 0.1-inch pitch)
Legend:
GND = Via to Digital Ground
AGND = Via to Analog Ground
VCC = Via to 3.3V Digital Power
AVCC = Via to 3.3V Analog Power
R = Termination Resistor 12-32
Ω
C = Decoupling Capacitor
L = Inductor
CFB = Feedback Capacitor
L
C
C
C
PI6C2502
GND
AGND
FB_OUT
FB_IN
CLK_OUT
L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com