Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWKAHJB1.CM Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GWKAHJB1.CM
Description  Indoor General Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAHJB1.CM Datasheet(HTML) 2 Page - OSRAM GmbH

  GWKAHJB1.CM Datasheet HTML 1Page - OSRAM GmbH GWKAHJB1.CM Datasheet HTML 2Page - OSRAM GmbH GWKAHJB1.CM Datasheet HTML 3Page - OSRAM GmbH GWKAHJB1.CM Datasheet HTML 4Page - OSRAM GmbH GWKAHJB1.CM Datasheet HTML 5Page - OSRAM GmbH GWKAHJB1.CM Datasheet HTML 6Page - OSRAM GmbH GWKAHJB1.CM Datasheet HTML 7Page - OSRAM GmbH GWKAHJB1.CM Datasheet HTML 8Page - OSRAM GmbH GWKAHJB1.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2015-04-10
2
Version 1.2
GW KAHJB1.CM
Ordering Information
Bestellinformation
Type:
Color
Temperature
Luminous Flux
1) page 17
Ordering Code
Typ:
Farbtemperatur
Lichtstrom
1) Seite 17
Bestellnummer
IF = 500 mA,
TS = 85 °C
[K]
ΦV
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5). Only one group will
be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. GW KAHJB1.CM-SQSR-30S3
means that only one group SQ, SR will be shippable for any packing unit.
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen
(siehe Seite 5). Es wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. GW KAHJB1.CM-SQSR-30S3
bedeutet, dass in einer Verpackungseinheit nur eine der Helligkeitsgruppen SQ, SR enhalten ist.
[lm]
GW KAHJB1.CM-SQSR-27S3
2700
1940 ... 2240
Q65111A7434
GW KAHJB1.CM-SQSR-30S3
3000
1940 ... 2240
Q65111A7433
GW KAHJB1.CM-SRSS-30S3
3000
2100 ... 2400
Q65111A7432
GW KAHJB1.CM-SRSS-35S3
3500
2100 ... 2400
Q65111A7446
GW KAHJB1.CM-SSST-35S3
3500
2240 ... 2590
Q65111A7444
GW KAHJB1.CM-SRSS-40S3
4000
2100 ... 2400
Q65111A7445
GW KAHJB1.CM-SSST-40S3
4000
2240 ... 2590
Q65111A7443
GW KAHJB1.CM-SQSR-27B3
2700
Brilliant White 1940 ... 2240
Q65111A7916
GW KAHJB1.CM-SRSS-30B3
3000
Brilliant White 2100 ... 2400
Q65111A7915
GW KAHJB1.CM-SSST-35B3
3500
Brilliant White 2240 ... 2590
Q65111A7914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com