Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4890M Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4890M
Description  1 Watt Audio Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4890M Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM4890M Datasheet HTML 15Page - National Semiconductor (TI) LM4890M Datasheet HTML 16Page - National Semiconductor (TI) LM4890M Datasheet HTML 17Page - National Semiconductor (TI) LM4890M Datasheet HTML 18Page - National Semiconductor (TI) LM4890M Datasheet HTML 19Page - National Semiconductor (TI) LM4890M Datasheet HTML 20Page - National Semiconductor (TI) LM4890M Datasheet HTML 21Page - National Semiconductor (TI) LM4890M Datasheet HTML 22Page - National Semiconductor (TI) LM4890M Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Application Information (Continued)
SHUTDOWN OUTPUT IMPEDANCE
For R
f = 20k ohms:
Z
OUT1 (between Out1 and GND) = 10k||50k||Rf =6k
Ω
Z
OUT2 (between Out2 and GND) = 10k||(40k+(10k||Rf)) =
8.3k
Ω
Z
OUT1-2 (between Out1 and Out2) = 40k||(10k+(10k||Rf)) =
11.7k
Ω
The -3dB roll off for these measurements is 600kHz
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications us-
ing integrated power amplifiers is critical to optimize device
and system performance. While the LM4890 is tolerant of
external component combinations, consideration to compo-
nent values must be used to maximize overall system qual-
ity.
The LM4890 is unity-gain stable which gives the designer
maximum system flexibility. The LM4890 should be used in
low gain configurations to minimize THD+N values, and
maximize the signal to noise ratio. Low gain configurations
require large input signals to obtain a given output power.
Input signals equal to or greater than 1Vrms are available
from sources such as audio codecs. Please refer to the
section, Audio Power Amplifier Design, for a more com-
plete explanation of proper gain selection.
Besides gain, one of the major considerations is the closed-
loop bandwidth of the amplifier. To a large extent, the band-
width is dictated by the choice of external components
shown in Figure 1. The input coupling capacitor, C
IN, forms a
first order high pass filter which limits low frequency re-
sponse. This value should be chosen based on needed
frequency response for a few distinct reasons.
Selection Of Input Capacitor Size
Large input capacitors are both expensive and space hungry
for portable designs. Clearly, a certain sized capacitor is
needed to couple in low frequencies without severe attenu-
ation. But in many cases the speakers used in portable
systems, whether internal or external, have little ability to
reproduce signals below 100Hz to 150Hz. Thus, using a
large input capacitor may not increase actual system perfor-
mance.
In addition to system cost and size, click and pop perfor-
mance is effected by the size of the input coupling capacitor,
C
IN. A larger input coupling capacitor requires more charge
to reach its quiescent DC voltage (nominally 1/2 V
DD). This
charge comes from the output via the feedback and is apt to
create pops upon device enable. Thus, by minimizing the
capacitor size based on necessary low frequency response,
turn-on pops can be minimized.
Besides minimizing the input capacitor size, careful consid-
eration should be paid to the bypass capacitor value. Bypass
capacitor, C
BYPASS, is the most critical component to mini-
mize turn-on pops since it determines how fast the LM4890
turns on. The slower the LM4890’s outputs ramp to their
quiescent DC voltage (nominally 1/2V
DD), the smaller the
turn-on pop. Choosing C
BYPASS equal to 1.0µF along with a
small value of C
IN, (in the range of 0.1µF to 0.39µF), should
produce a virtually clickless and popless shutdown function.
While the device will function properly, (no oscillations or
motorboating), with C
BYPASS equal to 0.1µF, the device will
be much more susceptible to turn-on clicks and pops. Thus,
a value of C
BYPASS equal to 1.0µF is recommended in all but
the most cost sensitive designs.
AUDIO POWER AMPLIFIER DESIGN
A 1W/8
Ω AUDIO AMPLIFIER
Given:
Power Output
1 Wrms
Load Impedance
8
Ω
Input Level
1 Vrms
Input Impedance
20 k
Ω
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to
obtain the specified output power. By extrapolating from the
Output Power vs Supply Voltage graphs in the Typical Per-
formance Characteristics section, the supply rail can be
easily found. A second way to determine the minimum sup-
ply rail is to calculate the required V
opeak using Equation 2
and add the output voltage. Using this method, the minimum
supply voltage would be (V
opeak +(VODTOP +VODBOT)), where
V
ODBOT and VODTOP are extrapolated from the Dropout Volt-
age vs Supply Voltage curve in the Typical Performance
Characteristics section.
(2)
5V is a standard voltage which in most applications is cho-
sen for the supply rail. Extra supply voltage creates head-
room that allows the LM4890 to reproduce peaks in excess
of 1W without producing audible distortion. At this time, the
designer must make sure that the power supply choice along
with the output impedance does not violate the conditions
explained in the Power Dissipation section.
Once the power dissipation equations have been addressed,
the required differential gain can be determined from Equa-
tion 3.
(3)
R
f/RIN =AVD/2
From Equation 3, the minimum A
VD is 2.83; use AVD =3.
Since the desired input impedance is 20 k
Ω, and with an A
VD
gain of 3, a ratio of 1.5:1 of R
f to RIN results in an allocation
of R
IN =20k
Ω and R
f =30k
Ω. The final design step is to
address the bandwidth requirements which must be stated
as a pair of −3 dB frequency points. Five times away from a
−3 dB point is 0.17 dB down from passband response which
is better than the required ±0.25 dB specified.
f
L = 100Hz/5 = 20Hz
f
H = 20kHz*5= 100kHz
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com