Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTH151S Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BTH151S
Description  Thyristor Thyristor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTH151S Datasheet(HTML) 1 Page - NXP Semiconductors

  BTH151S Datasheet HTML 1Page - NXP Semiconductors BTH151S Datasheet HTML 2Page - NXP Semiconductors BTH151S Datasheet HTML 3Page - NXP Semiconductors BTH151S Datasheet HTML 4Page - NXP Semiconductors BTH151S Datasheet HTML 5Page - NXP Semiconductors BTH151S Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Thyristor
BTH151S-650R
High Repetitive Surge
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Passivated thyristor in a plastic envelope,
SYMBOL
PARAMETER
MAX.
UNIT
suitable for surface mounting, intended for
use
in
applications
requiring
high
V
DRM, VRRM
Repetitive peak off-state
bidirectional blocking voltage capability and
voltages
650
V
high thermal cycling performance. This
I
T(AV)
Average on-state current
7.5
A
thyristor has
a
high repetitive surge
I
T(RMS)
RMS on-state current
12
A
specification which makes it suitable for
I
TSM
Non-repetitive peak on-state current
110
A
applications where high inrush currents or
I
TRM
Repetitive peak on-state current
60
A
stall currents are likely to occur on a
repetitive basis.
PINNING - SOT428
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode
2
anode
3
gate
tab
anode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DRM,
Repetitive peak off-state
V
RRM
voltages
half sine wave;
-
1650
V
I
T(AV)
Average on-state current
T
mb ≤ 103 ˚C
-
7.5
A
I
T(RMS)
RMS on-state current
all conduction angles
-
12
A
I
TSM
Non-repetitive peak
half sine wave; T
j = 25 ˚C prior to
on-state current
surge
t = 10 ms
-
110
A
t = 8.3 ms
-
121
A
I
TRM
Repetitive peak on-state
t = 10ms,
τ = 3s, T
mb ≤ 45˚C, no.
-
60
A
current
of surges = 100k
I
2tI2t for fusing
t = 10 ms
-
61
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 20 A; IG = 50 mA;
-
50
A/
µs
on-state current after
dI
G/dt = 50 mA/µs
triggering
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
V
RGM
Peak reverse gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.5
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
1
2
3
tab
ak
g
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the thyristor may
switch to the on-state. The rate of rise of current should not exceed 15 A/
µs.
March 2001
1
Rev 1.001


Similar Part No. - BTH151S

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BTH151S-650R WEEN-BTH151S-650R Datasheet
611Kb / 8P
Thyristor High Repetitive Surge
logo
Inchange Semiconductor ...
BTH151S-650R ISC-BTH151S-650R Datasheet
286Kb / 2P
isc Thyristors
More results

Similar Description - BTH151S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
THYRISTOR / DIODE and THYRISTOR / THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com