Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS204WB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BTS204WB
Description  Three quadrant triacs high commutation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTS204WB Datasheet(HTML) 2 Page - NXP Semiconductors

  BTS204WB Datasheet HTML 1Page - NXP Semiconductors BTS204WB Datasheet HTML 2Page - NXP Semiconductors BTS204WB Datasheet HTML 3Page - NXP Semiconductors BTS204WB Datasheet HTML 4Page - NXP Semiconductors BTS204WB Datasheet HTML 5Page - NXP Semiconductors BTS204WB Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA204W series B and C
high commutation
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-sp
Thermal resistance
full or half cycle
-
-
15
K/W
junction to solder point
R
th j-a
Thermal resistance
pcb mounted; minimum footprint
-
156
-
K/W
junction to ambient
pcb mounted; pad area as in fig:2
-
70
-
K/W
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BTA204W-
...B
...C
I
GT
Gate trigger current
2
V
D = 12 V; IT = 0.1 A
T2+ G+
-
-
50
35
mA
T2+ G-
-
-
50
35
mA
T2- G-
-
-
50
35
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
-
30
20
mA
T2+ G-
-
-
45
30
mA
T2- G-
-
-
30
20
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
-
30
20
mA
V
T
On-state voltage
I
T = 2 A
-
1.2
1.5
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A;
0.25
0.4
-
V
T
j = 125 ˚C
I
D
Off-state leakage current
V
D = VDRM(max); Tj = 125 ˚C
-
0.1
0.5
mA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
UNIT
BTA204W-
...B
...C
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max); Tj = 125 ˚C;
1000
1000
-
V/
µs
off-state voltage
exponential waveform; gate open circuit
dI
com/dt
Critical rate of change of
V
DM = 400 V; Tj = 125 ˚C; IT(RMS) = 1 A;
6
3
-
A/ms
commutating current
dV
com/dt = 20V/µs; gate open circuit
t
gt
Gate controlled turn-on
I
TM = 12 A; VD = VDRM(max); IG = 0.1 A;
-
-
2
µs
time
dI
G/dt = 5 A/µs
2 Device does not trigger in the T2-, G+ quadrant.
December 1998
2
Rev 1.000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com