Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFM3200 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SFM3200
Description  Superior performance at very low flows
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFM3200 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SFM3200 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.sensirion.com
Version 1 – July 2016
5/7
4. Instructions for Use
4.1
Calibration orientation
The sensors are calibrated horizontally as depicted in the
following graph:
4.2
Design guidelines
In order to provide good flow conditions, the inner
diameter of the connecting tube has to be approximately
the same as the inner diameter of the SFM3200 main flow
channel. The inlet tube has to be straight and at least 10
cm in length. The SFM3200 is equipped with meshes on
the in- and outlets of the flow channel to reduce
turbulences and thus improve the stability.
Please refer to the application note “Inlet conditions for the
SFM3000 Mass flow meters” for more information.
Additionally, it is recommended to avoid placing the
sensor such that the sensing element is at the bottom.
This helps prevent deposition of matter (such as dust
particles or water droplets) on the sensing element.
4.3
Temperature compensation
The SFM3200 sensor features digital temperature
compensation. The temperature is measured on the
CMOSens® chip by an on-chip temperature sensor. This
data is fed to a compensation circuit that is also integrated
on the CMOSens® sensor chip. Thus, no external
temperature compensation is necessary.
4.4
Sensor handling
The packaging method of the CMOSens chip together with
the inert housing and the sealing materials ensure a tight
and highly resistant sealing of the device. Please be
aware that aggressive and corrosive gases can influence
the sensor element and may even destroy the sealing or
the plastics body.
Please also be careful with the use of explosive or toxic
gases. Any leakage even outside the controller can be
dangerous.
For the above reasons, Sensirion guarantees the safe use
of the CMOSens® Mass Flow Meter for inert, in-explosive
and non-toxic gases only.
The SFM3200 sensor is designed to be robust and shock
resistant. Nevertheless, the accuracy of the high-precision
SFM3200 can be degraded by rough handling. Sensirion
does not guarantee proper operation in case of improper
handling. Note: avoid applying mechanical stress.
4.5
ESD
The electronics of the SFM3200 sensor consist of a single
automotive qualified chip. It complies with the following
ESD norms:
-
AEC Q 100 002 (4kV HBM)
-
AEC Q 100 003 (200V MM)
Although the sensor complies with these norms, it does
not mean the sensor is immune against ESD.
The sensor is shipped in an antistatic tray to prevent
electrostatic discharge. To avoid damage to the sensor,
ground yourself using a grounding strap or by touching a
grounded object before touching the sensor. Furthermore,
store the parts in an antistatic package when not in use.
4.6
I2C Interface and communication
Due to I2C interface restrictions, the cable length from the
sensor to the microprocessor is recommended to be as
short as possible and certainly not above 30 cm. For wires
longer than 10 cm it is mandatory to shield the SDA and
SCL.
In case data is read from the sensor, the first data byte of
the transaction must always be acknowledged by the
master.
It must be possible to reset the sensor through a hard
reset, i.e. powering off and on the sensor, in case the
sensor freezes.
I2C Communication details are given in the application
note “I2C Functional Description for SFM3000 series”.
5. Ordering Information
Use the part names and product numbers shown in the
table below when ordering SFM3200 sensors. For the
latest product information and local distributors, visit
www.sensirion.com.
Part name
Product Number
SFM3200
1-101051-01
Packaging units: 30 items/tray.
Every sensor is traceable by a unique Serial Number.
Positive flow direction (as marked on the sensor)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com