Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151B Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # RP112K151B
Description  Low Noise 150mA LDO REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP112K151B Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button RP112K151B Datasheet HTML 9Page - RICOH electronics devices division RP112K151B Datasheet HTML 10Page - RICOH electronics devices division RP112K151B Datasheet HTML 11Page - RICOH electronics devices division RP112K151B Datasheet HTML 12Page - RICOH electronics devices division RP112K151B Datasheet HTML 13Page - RICOH electronics devices division RP112K151B Datasheet HTML 14Page - RICOH electronics devices division RP112K151B Datasheet HTML 15Page - RICOH electronics devices division RP112K151B Datasheet HTML 16Page - RICOH electronics devices division RP112K151B Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
RP112x
NO.EA-258-131024
13
• RP112Q Series Mark Specification Table (SC-88A)
RP112Qxx2B
RP112Qxx2D
Product Name
VSET
Product Name
VSET
RP112Q122B
AU12
1.2V
RP112Q122D
AV12
1.2V
RP112Q132B
AU13
1.3V
RP112Q132D
AV13
1.3V
RP112Q142B
AU14
1.4V
RP112Q142D
AV14
1.4V
RP112Q152B
AU15
1.5V
RP112Q152D
AV15
1.5V
RP112Q162B
AU16
1.6V
RP112Q162D
AV16
1.6V
RP112Q172B
AU17
1.7V
RP112Q172D
AV17
1.7V
RP112Q182B
AU18
1.8V
RP112Q182D
AV18
1.8V
RP112Q192B
AU19
1.9V
RP112Q192D
AV19
1.9V
RP112Q202B
AU20
2.0V
RP112Q202D
AV20
2.0V
RP112Q212B
AU21
2.1V
RP112Q212D
AV21
2.1V
RP112Q222B
AU22
2.2V
RP112Q222D
AV22
2.2V
RP112Q232B
AU23
2.3V
RP112Q232D
AV23
2.3V
RP112Q242B
AU24
2.4V
RP112Q242D
AV24
2.4V
RP112Q252B
AU25
2.5V
RP112Q252D
AV25
2.5V
RP112Q262B
AU26
2.6V
RP112Q262D
AV26
2.6V
RP112Q272B
AU27
2.7V
RP112Q272D
AV27
2.7V
RP112Q282B
AU28
2.8V
RP112Q282D
AV28
2.8V
RP112Q292B
AU29
2.9V
RP112Q292D
AV29
2.9V
RP112Q302B
AU30
3.0V
RP112Q302D
AV30
3.0V
RP112Q312B
AU31
3.1V
RP112Q312D
AV31
3.1V
RP112Q322B
AU32
3.2V
RP112Q322D
AV32
3.2V
RP112Q332B
AU33
3.3V
RP112Q332D
AV33
3.3V
RP112Q342B
AU34
3.4V
RP112Q342D
AV34
3.4V
RP112Q352B
AU35
3.5V
RP112Q352D
AV35
3.5V
RP112Q362B
AU36
3.6V
RP112Q362D
AV36
3.6V
RP112Q372B
AU37
3.7V
RP112Q372D
AV37
3.7V
RP112Q382B
AU38
3.8V
RP112Q382D
AV38
3.8V
RP112Q392B
AU39
3.9V
RP112Q392D
AV39
3.9V
RP112Q402B
AU40
4.0V
RP112Q402D
AV40
4.0V
RP112Q412B
AU41
4.1V
RP112Q412D
AV41
4.1V
RP112Q422B
AU42
4.2V
RP112Q422D
AV42
4.2V
RP112Q432B
AU43
4.3V
RP112Q432D
AV43
4.3V
RP112Q442B
AU44
4.4V
RP112Q442D
AV44
4.4V
RP112Q452B
AU45
4.5V
RP112Q452D
AV45
4.5V
RP112Q462B
AU46
4.6V
RP112Q462D
AV46
4.6V
RP112Q472B
AU47
4.7V
RP112Q472D
AV47
4.7V
RP112Q482B
AU48
4.8V
RP112Q482D
AV48
4.8V
RP112Q122B5
AU01
1.25V
RP112Q122D5
AV01
1.25V
RP112Q182B5
AU02
1.85V
RP112Q182D5
AV02
1.85V
RP112Q282B5
AU03
2.85V
RP112Q282D5
AV03
2.85V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com