Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDSLC5V0LB Datasheet(PDF) 3 Page - Micro Commercial Components

Part # ESDSLC5V0LB
Description  Low clamping voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESDSLC5V0LB Datasheet(HTML) 3 Page - Micro Commercial Components

  ESDSLC5V0LB Datasheet HTML 1Page - Micro Commercial Components ESDSLC5V0LB Datasheet HTML 2Page - Micro Commercial Components ESDSLC5V0LB Datasheet HTML 3Page - Micro Commercial Components ESDSLC5V0LB Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.mccsemi.com
Revision: A
2016/01/08
3 of 4
Micro Commercial Components
M C C
TM
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
Junction Capacitance vs. Reverse Voltage
Pulse Duration_tp(uS)
Peak Pulse Power vs. Pulse Time
Peak Pulse Current_Ipp (A)
Clamping Voltage vs. Peak Pulse Current
Power Derating Curve
8 X 20uS Pulse Waveform
ESD Clamping Voltage
8 kV Contact per IEC61000−4−2
0.01
0.1
1
10
0.1
1
10
100
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature_Ta(℃)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
Time_t(uS)
0
5
10
15
20
25
0
1
2
3
4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com