Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM565H Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM565H
Description  Phase Locked Loop
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM565H Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM565H Datasheet HTML 1Page - National Semiconductor (TI) LM565H Datasheet HTML 2Page - National Semiconductor (TI) LM565H Datasheet HTML 3Page - National Semiconductor (TI) LM565H Datasheet HTML 4Page - National Semiconductor (TI) LM565H Datasheet HTML 5Page - National Semiconductor (TI) LM565H Datasheet HTML 6Page - National Semiconductor (TI) LM565H Datasheet HTML 7Page - National Semiconductor (TI) LM565H Datasheet HTML 8Page - National Semiconductor (TI) LM565H Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
±12V
Power Dissipation (Note 2)
1400 mW
Differential Input Voltage
±1V
Operating Temperature Range
LM565H
−55˚C to +125˚C
LM565CN
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Electrical Characteristics
AC Test Circuit, T
A = 25˚C, VCC = ±6V
Parameter
Conditions
LM565
LM565C
Units
Min
Typ
Max
Min
Typ
Max
Power Supply Current
8.0
12.5
8.0
12.5
mA
Input Impedance (Pins 2, 3)
−4V < V
2,V3 < 0V
7
10
5
k
VCO Maximum Operating
Frequency
C
o = 2.7 pF
300
500
250
500
kHz
VCO Free-Running Frequency
C
o = 1.5 nF
R
o = 20 kΩ
f
o = 10 kHz
−10
0
+10
−30
0
+30
%
Operating Frequency
Temperature Coefficient
−100
−200
ppm/˚C
Frequency Drift with
Supply Voltage
0.1
1.0
0.2
1.5
%/V
Triangle Wave Output Voltage
2
2.4
3
2
2.4
3
V
p-p
Triangle Wave Output Linearity
0.2
0.5
%
Square Wave Output Level
4.7
5.4
4.7
5.4
V
p-p
Output Impedance (Pin 4)
5
5
k
Square Wave Duty Cycle
45
50
55
40
50
60
%
Square Wave Rise Time
20
20
ns
Square Wave Fall Time
50
50
ns
Output Current Sink (Pin 4)
0.6
1
0.6
1
mA
VCO Sensitivity
f
o = 10 kHz
6600
6600
Hz/V
Demodulated Output Voltage
(Pin 7)
±10% Frequency Deviation
250
300
400
200
300
450
mV
p-p
Total Harmonic Distortion
±10% Frequency Deviation
0.2
0.75
0.2
1.5
%
Output Impedance (Pin 7)
3.5
3.5
k
DC Level (Pin 7)
4.25
4.5
4.75
4.0
4.5
5.0
V
Output Offset Voltage
|V
7 −V6|
30
100
50
200
mV
Temperature Drift of |V
7 −V6|
500
500
µV/˚C
AM Rejection
30
40
40
dB
Phase Detector Sensitivity K
D
0.68
0.68
V/radian
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 2: The maximum junction temperature of the LM565 and LM565C is +150˚C. For operation at elevated temperatures, devices in the TO-5 package must be
derated based on a thermal resistance of +150˚C/W junction to ambient or +45˚C/W junction to case. Thermal resistance of the dual-in-line package is +85˚C/W.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com