Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP47G Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP47G
Description  High Voltage NPN Silicon Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP47G Datasheet(HTML) 4 Page - ON Semiconductor

  TIP47G Datasheet HTML 1Page - ON Semiconductor TIP47G Datasheet HTML 2Page - ON Semiconductor TIP47G Datasheet HTML 3Page - ON Semiconductor TIP47G Datasheet HTML 4Page - ON Semiconductor TIP47G Datasheet HTML 5Page - ON Semiconductor TIP47G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP47G, TIP48G, TIP50G
www.onsemi.com
4
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
20
5.0
50
500
Figure 5. Active Region Safe Operating Area
0.02
0.05
SECONDARY BREAKDOWN LIMITED
THERMALLY LIMITED @ 25
°C
BONDING WIRE LIMITED
1.0ms
dc
100
ms
0.2
0.1
5.0
2.0
CURVES APPLY
BELOW RATED VCEO
1.0
0.5
100
200
500
ms
TC ≤ 25°C
TIP47
TIP48
TIP50
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
0.05
0.1
0.2
0.02
0.5
IC, COLLECTOR CURRENT (AMPS)
Figure 6. Turn−Off Time
5.0
2.0
1.0
0.5
0.2
0.1
0.05
1.0
2.0
ts
TJ = 25°C
VCC = 200 V
IC/IB = 5.0
tf
IC, COLLECTOR CURRENT (AMPS)
+4.5
+3.5
+2.5
+1.5
0
-0.5
-1.5
-2.5
*APPLIES FOR IC/IB ≤ hFE/5
qVC FOR VCE(sat)
qVB FOR VBE
Figure 7. Temperature Coefficients
0.02
0.05
0.1
0.2
0.5
1.0
2.0
+25
°C to +150°C
-55
°C to +25°C
+25
°C to +150°C
-55
°C to +25°C
+0.5
Figure 8. Inductive Load Switching
Note A: Input pulse width is increased until ICM = 0.63 A.
INPUT
50
MJE171
RBB1 =
150
W
100 mH
RBB2 =
100
W
VBB2 =
0
VBB1 = 10 V
VCE MONITOR
TUT
VCC = 20 V
IC MONITOR
RS =
0.1
W
50
0.63 A
0 V
-5 V
tw ≈ 3 ms
(SEE NOTE A)
INPUT
VOLTAGE
COLLECTOR
CURRENT
COLLECTOR
VOLTAGE
VCER
0 V
10 V
100 ms
VCE(sat)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com