Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP32G Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP32G
Description  Complementary Silicon Plastic Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP32G Datasheet(HTML) 2 Page - ON Semiconductor

  TIP32G Datasheet HTML 1Page - ON Semiconductor TIP32G Datasheet HTML 2Page - ON Semiconductor TIP32G Datasheet HTML 3Page - ON Semiconductor TIP32G Datasheet HTML 4Page - ON Semiconductor TIP32G Datasheet HTML 5Page - ON Semiconductor TIP32G Datasheet HTML 6Page - ON Semiconductor TIP32G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TIP31G, TIP31AG, TIP31BG, TIP31CG (NPN), TIP32G, TIP32AG, TIP32BG,
TIP32CG (PNP)
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 30 mAdc, IB = 0)
TIP31G, TIP32G
TIP31AG, TIP32AG
TIP31BG, TIP32BG
TIP31CG, TIP32CG
VCEO(sus)
40
60
80
100
−
−
−
−
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
TIP31G, TIP32G, TIP31AG, TIP32AG
(VCE = 60 Vdc, IB = 0)
TIP31BG, TIP31CG, TIP32BG, TIP32CG
ICEO
−
−
0.3
0.3
mAdc
Collector Cutoff Current
(VCE = 40 Vdc, VEB = 0)
TIP31G, TIP32G
(VCE = 60 Vdc, VEB = 0)
TIP31AG, TIP32AG
(VCE = 80 Vdc, VEB = 0)
TIP31BG, TIP32BG
(VCE = 100 Vdc, VEB = 0)
TIP31CG, TIP32CG
ICES
−
−
−
−
200
200
200
200
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
−
1.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 1.0 Adc, VCE = 4.0 Vdc)
(IC = 3.0 Adc, VCE = 4.0 Vdc)
hFE
25
10
−
50
−
Collector−Emitter Saturation Voltage
(IC = 3.0 Adc, IB = 375 mAdc)
VCE(sat)
−
1.2
Vdc
Base−Emitter On Voltage
(IC = 3.0 Adc, VCE = 4.0 Vdc)
VBE(on)
−
1.8
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
3.0
−
MHz
Small−Signal Current Gain
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
−
−
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com