Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP50G Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP50G
Description  High Voltage NPN Silicon Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP50G Datasheet(HTML) 2 Page - ON Semiconductor

  TIP50G Datasheet HTML 1Page - ON Semiconductor TIP50G Datasheet HTML 2Page - ON Semiconductor TIP50G Datasheet HTML 3Page - ON Semiconductor TIP50G Datasheet HTML 4Page - ON Semiconductor TIP50G Datasheet HTML 5Page - ON Semiconductor TIP50G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP47G, TIP48G, TIP50G
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
TIP47
(IC = 30 mAdc, IB = 0)
TIP48
TIP50
VCEO(sus)
250
300
400
−
−
−
Vdc
Collector Cutoff Current
(VCE = 150 Vdc, IB = 0)
TIP47
(VCE = 200 Vdc, IB = 0)
TIP48
(VCE = 300 Vdc, IB = 0)
TIP50
ICEO
−
−
−
1.0
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 350 Vdc, VBE = 0)
TIP47
(VCE = 400 Vdc, VBE = 0)
TIP48
(VCE = 500 Vdc, VBE = 0)
TIP50
ICES
−
−
−
1.0
1.0
1.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
−
1.0
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 0.3 Adc, VCE = 10 Vdc)
(IC = 1.0 Adc, VCE = 10 Vdc)
hFE
30
10
150
−
−
Collector−Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 0.2 Adc)
VCE(sat)
−
1.0
Vdc
Base−Emitter On Voltage
(IC = 1.0 Adc, VCE = 10 Vdc)
VBE(on)
−
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 0.1 Adc, VCE = 10 Vdc, f = 2.0 MHz)
fT
10
−
MHz
Small−Signal Current Gain
(IC = 0.2 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
25
−
−
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse width v 300 ms, Duty Cycle v 2.0%.
ORDERING INFORMATION
Device
Package
Shipping
TIP47G
TO−220
(Pb−Free)
50 Units / Rail
TIP48G
TO−220
(Pb−Free)
50 Units / Rail
TIP49G
TO−220
(Pb−Free)
50 Units / Rail
TIP50G
TO−220
(Pb−Free)
50 Units / Rail



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com