Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7222 Datasheet(PDF) 7 Page - Mallory performance club

Part # 7222
Description  MSD 7AL-2 Plus Ignition
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7222 Datasheet(HTML) 7 Page - Mallory performance club

Back Button 7222 Datasheet HTML 3Page - Mallory performance club 7222 Datasheet HTML 4Page - Mallory performance club 7222 Datasheet HTML 5Page - Mallory performance club 7222 Datasheet HTML 6Page - Mallory performance club 7222 Datasheet HTML 7Page - Mallory performance club 7222 Datasheet HTML 8Page - Mallory performance club 7222 Datasheet HTML 9Page - Mallory performance club 7222 Datasheet HTML 10Page - Mallory performance club 7222 Datasheet HTML 11Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
INSTALLATION INSTRUCTIONS
7
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
GM: Install the Diode in-line to the wire going
to terminal “4”.
GM 1973 - 1983 with Delcotron Alternators
GM Delcotron Alternators use an internal
voltage regulator. Install the Diode in-line
on the smallest wire exiting the alternator
(Figure 6). It is usually a Brown wire.
MISSES AND INTERMITTENT PROBLEMS
Experience at the races has shown that if your engine is experiencing a miss or hesitation at higher
rpm, it is usually not directly ignition related. Most probable causes include a coil or plug wire failure,
arcing from the cap or boot plug to ground or spark ionization inside the cap. Several items to
inspect are:
•Alwaysinspecttheplugwiresatthecapandattheplugforatightconnectionandvisually
inspect for cuts, abrasions or burns.
•InspectthePrimaryCoilWireconnections.BecausetheMSDisaCapacitiveDischarge
ignition and it receives a direct 12 volt source from the battery, there will not be any voltage
at the Coil Positive (+) terminal even with the key turned On. During cranking or while
the engine is running, very high voltage will be present and no test equipment should be
connected.
•Makesurethatthebatteryisfullychargedandtheconnectionsarecleanandtight.Ifyou
are not running an alternator this is an imperative check. If the battery voltage falls below
10 volts during a race, the MSD output voltage will drop.
WARNING: Do not touch the coil terminals during cranking or while the engine is running.
•Istheenginerunningleanorexcessivelyrich?Inspectthesparkplugsandfuelsystem.
•Inspectallwiringconnectionsforcorrosionordamage.Remembertoalwaysuseproper
connections followed by soldering and seal the connections completely.
LED: The LED on the ignition will assist in troubleshooting. If the LED does not flash, there is no
current through the primary coil wires. This could be due to poor connections at the coil, the
coil itself or the ignition. Once you confirm that the trigger signal is working, try a different
coil. See page 8 to test for spark.
If everything checks positive, use the following procedure to test for spark. MSD also offers an
Ignition Tester, PN 8998. This tool allows you to check your complete ignition system while it is in the
car as well as the operation of rpm limits, activated switches and shift lights.
Figure 5 Installing the Diode to a GM or Ford Vehicle.
Figure 6 Installing the Diode to a 1973-1983 GM Vehicle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com