Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62152 Datasheet(PDF) 8 Page - Mallory performance club

Part # 62152
Description  MSD DIS-2 Plus Ignition
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

62152 Datasheet(HTML) 8 Page - Mallory performance club

Back Button 62152 Datasheet HTML 4Page - Mallory performance club 62152 Datasheet HTML 5Page - Mallory performance club 62152 Datasheet HTML 6Page - Mallory performance club 62152 Datasheet HTML 7Page - Mallory performance club 62152 Datasheet HTML 8Page - Mallory performance club 62152 Datasheet HTML 9Page - Mallory performance club 62152 Datasheet HTML 10Page - Mallory performance club 62152 Datasheet HTML 11Page - Mallory performance club 62152 Datasheet HTML 12Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
PROGRAMMABLE FEATURES
The DIS Ignitions provide several programmable features that are set using the seven rotary dials
on their end panel. The DIS Ignitions are programmed at the factory for operation on most 4, 6 or
8-cylinder engines with distributorless ignitions.
Figure 5 Programming Rotary Switches.
IGNITION MODE
The first dial, Ignition Mode, has several features and must be set to configure the MSD to match
your ignition system.
Waste Spark: If the ignition system uses dual tower coil packs, the system is a Waste Spark (WS).
This means that each side of the coil is fired but only one cylinder is under compression, so the other
spark is ‘wasted’. For these systems, you will select one of the WS On positions.
If you are incorporating a coil-per-cylinder ignition system, select a WS Off position.
Plus 4K or ØK: Each of the Ignition Mode selections shows Plus 4K or ØK. This will add either 4,000
rpm to the Max rev limit that you set or will leave the rpm limit at the value shown. This allows for a
Max rev limit to be set above 9,900 rpm and to 13,900 rpm.
Step Off Delay: If you are using nitrous, the Step Off Delay should be incorporated. This feature will
keep the timing retarded for one second after the Step Retard is deactivated. This helps clear the
engine of the nitrous mixture. When positions 4-7 are used, the Step Off Delay is active. When 0-3
positions are selected there is NO Step Off Delay.
Ignition Off: Positions 8-9 will disable the spark output of the ignition. This could be used as a theft
deterrent.
Switch Position
WS or CPC
Standard RPM or Add 4,000
Step Delay
0
CPC
Standard
No
1 (Default)
WS
Standard
No
2
CPC
Add 4,000 rpm to Max limit
No
3
WS
Add 4,000 rpm to Max limit
No
4
CPC
Standard
Active
5
WS
Standard
Active
6
CPC
Add 4,000 rpm to Max limit
Active
7
WS
Add 4,000 rpm to Max limit
Active
8
Ignition is Disabled
9
Ignition is Disabled
IGNITION MODE SWITCH POSITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com