Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C154 Datasheet(PDF) 13 Page - TEMIC Semiconductors

Part # 83C154
Description  CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

83C154 Datasheet(HTML) 13 Page - TEMIC Semiconductors

Back Button 83C154 Datasheet HTML 9Page - TEMIC Semiconductors 83C154 Datasheet HTML 10Page - TEMIC Semiconductors 83C154 Datasheet HTML 11Page - TEMIC Semiconductors 83C154 Datasheet HTML 12Page - TEMIC Semiconductors 83C154 Datasheet HTML 13Page - TEMIC Semiconductors 83C154 Datasheet HTML 14Page - TEMIC Semiconductors 83C154 Datasheet HTML 15Page - TEMIC Semiconductors 83C154 Datasheet HTML 16Page - TEMIC Semiconductors 83C154 Datasheet HTML 17Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
80C154/83C154
Rev.F (14 Jan. 97)
13
MATRA MHS
83C154 with Secret ROM
TEMIC offers 83C154 with the encrypted secret ROM
option to secure the ROM code contained in the 83C154
microcontrollers.
The clear reading of the program contained in the ROM
is made impossible due to an encryption through several
random keys implemented during the manufacturing
process.
The keys used to do such encryption are selected
randomwise and are definitely different from one
microcontroller to another.
This encryption is activated during the following phases :
–
Everytime a byte is addressed during a verify of the
ROM content, a byte of the encryption array is
selected.
–
MOVC instructions executed from external program
memory are disabled when fetching code bytes from
internal memory.
–
EA is sampled and latched on reset, thus all state
modification are disabled.
For further information please refer to the application
note (ANM053) available upon request.
83C154 with Secret TAG
TEMIC offers special 64-bit identifier called “SECRET
TAG” on the microcontroller chip.
The Secret Tag option is available on both ROMless and
masked microcontrollers.
The Secret Tag feature allows serialization of each
microcontroller
for
identification
of
a
specific
equipment. A unique number per device is implemented
in the chip during manufacturing process. The serial
number is a 64-bit binary value which is contained and
addressable in the Special Function Registers (SFR) area.
This Secret Tag option can be read-out by a software
routine and thus enables the user to do an individual
identity check per device. This routine is implemented
inside the microcontroller ROM memory in case of
masked version which can be kept secret (and then the
value of the Secret Tag also) by using a ROM Encryption.
For further information, please refer to the application
note (ANM031) available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com