Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV27L2CD Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV27L2CD
Description  FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV27L2CD Datasheet(HTML) 5 Page - Texas Instruments

  TLV27L2CD Datasheet HTML 1Page - Texas Instruments TLV27L2CD Datasheet HTML 2Page - Texas Instruments TLV27L2CD Datasheet HTML 3Page - Texas Instruments TLV27L2CD Datasheet HTML 4Page - Texas Instruments TLV27L2CD Datasheet HTML 5Page - Texas Instruments TLV27L2CD Datasheet HTML 6Page - Texas Instruments TLV27L2CD Datasheet HTML 7Page - Texas Instruments TLV27L2CD Datasheet HTML 8Page - Texas Instruments TLV27L2CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TLV27L1
TLV27L2
SLOS378A – SEPTEMBER 2001 – REVISED JULY 2003
5
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
1, 2, 3
IIB/IIO
Input bias and offset current
vs Free-air temperature
4
VOH
High-level output voltage
vs High-level output current
5, 7, 9
VOL
Low-level output voltage
vs Low-level output current
6, 8, 10
IQ
Quiescent current
vs Supply voltage
11
IQ
Quiescent current
vs Free-air temperature
12
Supply voltage and supply current ramp up
13
AVD
Differential voltage gain and phase shift
vs Frequency
14
GBP
Gain-bandwidth product
vs Free-air temperature
15
φm
Phase margin
vs Load capacitance
16
CMRR
Common-mode rejection ratio
vs Frequency
17
PSRR
Power supply rejection ratio
vs Frequency
18
Input referred noise voltage
vs Frequency
19
SR
Slew rate
vs Free-air temperature
20
VO(PP) Peak-to-peak output voltage
vs Frequency
21
Inverting small-signal response
22
Inverting large-signal response
23
Crosstalk
vs Frequency
24
Figure 1
–2000
–1500
–1000
–500
0
500
1000
1500
2000
0
0.5
1
1.5
2
2.5
3
VIC – Common-Mode Input Voltage – V
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VS = 2.7 V
TA = 25°C
Figure 2
–2000
–1500
–1000
–500
0
500
1000
1500
2000
0 0.5
1
1.5 2
2.5
3
3.5
4 4.5
5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
VS = 2.7 V
TA = 25°C
Figure 3
–2000
–1500
–1000
–500
0
500
1000
1500
2000
–5.2
–3.6
–2
–0.4
1.2
2.8
4.4
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
VS = ±5 Vdc
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com