Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LST0-M30 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # LST0-M30
Description  Low Power Right Angle Optical Track Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LST0-M30 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  LST0-M30 Datasheet HTML 1Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 2Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 3Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 4Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 5Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 6Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 7Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 8Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
8
PixArt Imaging Inc.
PMT9123 Product Datasheet
Right Angle Optical Track Sensor
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.02 |12 Jul 2016 | 21001EN
1.3
Signal Description
Figure 2. Pin Configuration
Table 1. PMT9123 Signal Pins Description
Pin No.
Signal Name
Type
Description
Functional Group:
Power Supplies
3
VREG
Power
Internal voltage output
4
VDD
Power
Supply voltage (1.8 V)
27
LED+
Power
Supply to LED anode
1
GND
Ground
Ground
11
GND
Ground
Ground
21
GND
Ground
Ground
22
GND
Ground
Ground
28
GND
Ground
Ground
24
LED-
Ground
LED cathode, must connect to XY_LED
25
LED-
Ground
LED cathode, must connect to XY_LED
26
LED-
Ground
LED cathode, must connect to XY_LED
Functional Group:
Control Interface
7
SCL
Input
Serial data clock
20
SDA
Input / Output Serial data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com