Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMW3260DB-TPOU Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PMW3260DB-TPOU
Description  Ultra Low Power LED Optical Mouse Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3260DB-TPOU Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PMW3260DB-TPOU Datasheet HTML 1Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
PMW3260DB Product Datasheet
Ultra Low Power LED Optical Mouse Sensor
PixArt Imaging Inc.
Version 1.50 | 05 May 2016 | 11001AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
2.4
DC Characteristics
Table 5. DC Electrical Specifications
Parameters
Symbol
Min.
Typ.
Max.
Unit Conditions
DC Supply Current in various modes
IDD_Run
IDD_Rest1
IDD_Rest2
IDD_Rest3
0.335
30
15
5
mA
µA
µA
µA
Average current, including LED
current.
No load on SDIO
Shutdown Supply
Current
IPD
3
µA
Input Low Voltage
VIL
0.2* VDD
V
SCLK, SDIO
Input High Voltage
VIH
0.8* VDD
V
SCLK, SDIO
Input Hysteresis
VI_HYS
100
mV
SCLK, SDIO
Input Leakage Current
ILEAK
± 1
± 10
µA
Vin = 0.7*VDD, SCLK, SDIO
Output Low Voltage, SDIO,MOTION
VOL
0.2*VDD
V
IOUT = 1mA, SDIO, MOTION
Output Low Voltage, SDIO,MOTION
VOH
0.8* VDD
V
IOUT = -1mA, SDIO, MOTION
Input Capacitance
Cin
10
pF
SCLK, SDIO
Note: All electrical parameters are tested under recommended operating conditions. Typical values at 25 °C, VDD=1.8V
2.5
AC Characteristics
Table 6. AC Electrical Specifications
Parameters
Symbol
Min.
Typ.
Max.
Unit Conditions
Motion Delay After Reset
tMOT-RST
3.5
ms
From SW_RESET register write
to valid motion, assuming
motion is present
Shutdown
tSTDWN
50
ms
From Shutdown mode active to
low current
Wake from Shutdown
tWAKEUP
16
23
ms
From Shutdown mode inactive
to valid motion.
Notes: A RESET must be
asserted after a shutdown.
Refer to section “Notes on
Shutdown”, also note tMOT-RST.
SDIO Output Rise Time
tr-SDIO output
40
200
ns
CL = 100pF
SDIO Output Fall Time
tf-SDIO output
40
200
ns
CL = 100pF
SDIO Output Delay After SCLK
tDLY-SDIO
output
120
ns
From SCLK falling edge to SDIO
output data valid, no load
conditions
SDIO Output Hold Time
thold- SDIO
output
250
ns
Data held until next falling SCLK
edge
SDIO input Hold Time
thold- SDIO input
200
ns
Amount of time data is valid
after SCLK rising edge
SDIO input Setup Time
tsetup- SDIO
input
120
ns
From data valid to SCLK rising
edge
SPI Time Between Write Commands
tSWW
30
µs
From rising SCLK for last bit of
the first data byte, to rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com