Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2102B Datasheet(PDF) 13 Page - TEMIC Semiconductors

Part # U2102B
Description  Multifunction Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2102B Datasheet(HTML) 13 Page - TEMIC Semiconductors

Back Button U2102B Datasheet HTML 8Page - TEMIC Semiconductors U2102B Datasheet HTML 9Page - TEMIC Semiconductors U2102B Datasheet HTML 10Page - TEMIC Semiconductors U2102B Datasheet HTML 11Page - TEMIC Semiconductors U2102B Datasheet HTML 12Page - TEMIC Semiconductors U2102B Datasheet HTML 13Page - TEMIC Semiconductors U2102B Datasheet HTML 14Page - TEMIC Semiconductors U2102B Datasheet HTML 15Page - TEMIC Semiconductors U2102B Datasheet HTML 16Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
U2102B
TELEFUNKEN Semiconductors
Rev. A1, 30-May-96
13 (16)
22 nF
C3
R3
14
13
12
11
10
23
4
5
6
7
1
8
9
15
16
RG
IGBT
Rsh
100
W
1 k
W
Vmains
230 V
X
Load
VRef
1N4007
68 k
W
18 k
W/2 W
C1
47
mF/25 V
1 nF
NTC
750 k
W
1 M
W
22 k
W
220 nF
Enable
Trigger
signal
C2
1
mF
CRef
U2102B
94 8222
GND
R1 = Rsync
R2
VS
Figure 10. Zero voltage switch mode for ac loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com