Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM19-LSI Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # LM19-LSI
Description  Optical Gaming Navigation Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button LM19-LSI Datasheet HTML 10Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 11Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 12Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 13Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 14Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 15Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 16Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 17Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 18Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
PixArt Imaging Inc.
PMW3360 Product Datasheet
Optical Gaming Navigation Sensor
Version 1.30 | 6 April 2016
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
2.0
Electrical Specifications
Regulatory Requirements
Passes FCC “Part15, Subpart B, Class B”, “CISPR 22 1997 ClassB” and worldwide analogous emission limits when
assembled into a mouse with shielded cable and following PixArt Imaging’s recommendations.
Passes IEC 62471: 2006 Photo biological safety of lamps and lamp systems
2.1
Absolute Maximum Ratings
Table 2: Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum Units
Notes
Storage Temperature
TS
-40
85
°C
Lead Solder Temperature
TSOLDER
260
°C
For 7 seconds, 1.6mm below seating plane.
Supply Voltage
VDD
VDDIO
-0.5
1.80
2.10
3.60
V
V
VDDIO
-0.5
3.60
V
ESD (Human Body Model)
2
kV
All pins
Input Voltage
VIN
-0.5
3.6
V
All I/O pins.
2.2
Recommended Operating Conditions
Table 3: Recommended Operating Condition
Parameter
Symbol
Min
Typ.
Max
Units
Notes
Operating Temperature
TA
0
40
°C
Power Supply Voltage
VDD
1.80
1.90
2.10
V
excluding supply noise
VDDIO
1.80
1.90
3.60
V
excluding supply noise. (VDDIO must be
same or greater than VDD)
Power Supply Rise Time
tRT
0.15
20
ms
0 to VDD min
Supply Noise (Sinusoidal)
VNA
100
mVp-p
10 kHz —75 MHz
Serial Port Clock Frequency
fSCLK
2.0
MHz
50% duty cycle
Distance from Lens Reference
Plane to Tracking Surface
Z
2.2
2.4
2.6
mm
Speed
S
250
ips
300ips on QCK, Vespula Speed, Vespula
Control and FUNC 1030 surfaces
Resolution error
ResErr
1
%
Up to 200ips on QCK with 5000 cpi
Acceleration
A
50
g
In run mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com