Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBE0640 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DBE0640
Description  Variable-Gain Ultra-Wideband Voltage Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DBE0640 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DBE0640 Datasheet HTML 1Page - List of Unclassifed Manufacturers DBE0640 Datasheet HTML 2Page - List of Unclassifed Manufacturers DBE0640 Datasheet HTML 3Page - List of Unclassifed Manufacturers DBE0640 Datasheet HTML 4Page - List of Unclassifed Manufacturers DBE0640 Datasheet HTML 5Page - List of Unclassifed Manufacturers DBE0640 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Datasheet
DUPVA-1-60
Variable-Gain
Ultra-Wideband Voltage Amplifier
SOP H ISTI CATE D T OOL S F O R SIG N AL REC O VE RY
Page 2
Specifications
Test Conditions
Vs =
± 15 V, Ta = 25°C, System Impedance = 50 Ω
Gain
Gain Values
20, 30, 40, 50, 60 dB
Gain Accuracy
± 0.1 dB
(between Settings)
± 1 dB
(Overall)
Gain Flatness
± 0.15 dB
Frequency Response
Lower Cut-Off Frequency
1 kHz
Upper Cut-Off Frequency
1.2 GHz
Upper Cut-Off Frequency Rolloff
40 dB/Oct.
Time Response
Rise / Fall Time (10% - 90%)
380 ps
Group Delay
2.2 ns
Input
Input Impedance AC
50
Ω
Input Impedance DC
100 k
Ω
Input VSWR (@ 20 dB Gain)
1.12 : 1
(f < 1 GHz)
1.7 : 1
(f < 2 GHz)
Input VSWR (@ 30 – 60 dB Gain) 1.2 : 1
(f < 1 GHz)
1.75 : 1
(f < 2 GHz)
50
Ω Noise Figure
3.0 dB
(@ 60 dB Gain)
3.5 dB
(@ 30 – 50 dB Gain)
Equivalent Input Voltage Noise
450 pV/
√Hz (@ 60 dB Gain)
500 pV/
√Hz (@ 30 – 50 dB Gain)
1/f-Noise Corner
40 kHz
Output
Output Impedance
50
Ω
Output Power P1dB
13 dBm
(@ 100 MHz)
10 dBm
(@ 500 MHz)
Output Peak-Peak Voltage
for linear Amplification
2 V
(@ 100 MHz)
1.7 V
(@ 500 MHz)
Output VSWR
1.77 : 1
(f < 1 GHz)
2.0 : 1
(f < 2 GHz)
Third Order Intercept Point IP3
21 dBm
Reverse Isolation
80 dB
Dynamic Range (w/o Average)
70 dB
(P1dB – Min. Detectable Signal)
Monitor Output
Monitor Output Gain
1
Monitor Output Voltage Range
± 10 V
Monitor Output Current
± 25 mA
Monitor Output Bandwidth
DC ... 100 kHz
Digital Control
Control Input Voltage Range
Low: - 0.8 ...+ 0.8 V
High: + 1.8 ... + 12 V
Power Supply
Supply Voltage
± 15 V
Supply Current
+ 350 / -100 mA
Stabilized Power Supply Output
± 12 V / max. 100 mA, + 5V / max. 50 mA
Case
Weight
510 gr. (1.2 lbs)
Material
AlMg4.5Mn, nickel-plated
Temperature Range
Storage Temperature
-40 ... +100 °C
Operating Temperature
0 ... +60 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com