Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG418 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # DG418
Description  Precision CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG418 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  DG418 Datasheet HTML 1Page - TEMIC Semiconductors DG418 Datasheet HTML 2Page - TEMIC Semiconductors DG418 Datasheet HTML 3Page - TEMIC Semiconductors DG418 Datasheet HTML 4Page - TEMIC Semiconductors DG418 Datasheet HTML 5Page - TEMIC Semiconductors DG418 Datasheet HTML 6Page - TEMIC Semiconductors DG418 Datasheet HTML 7Page - TEMIC Semiconductors DG418 Datasheet HTML 8Page - TEMIC Semiconductors DG418 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG417/418/419
4
Siliconix
S-52880—Rev. D, 28-Apr-97
Specificationsa for Unipolar Supplies
Test Conditions
Unless Otherwise Specified
V+
12 V V
0 V
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 12 V, V– = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
rDS(on)
IS = –10 mA, VD = 3.8 V
V+ = 10.8 V
Room
40
W
Dynamic Characteristics
Turn-On Time
tON
RL = 300 W, CL = 35 pF, VS = 8 V
S
Sihi
Ti
T
Ci
i
Room
110
Turn-Off Time
tOFF
L
,
L
p,
S
See Switching Time Test Circuit
Room
40
ns
Break-Before-Make
Time Delay
tD
RL = 300 W, CL = 35 pF
DG419
Room
60
ns
Charge Injection
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 W
Room
5
pC
Power Supplies
Positive Supply
Current
I+
Room
0.001
Negative Supply
Current
I–
V+ = 13.2 V, VL = 5.25 V
VIN = 0 or 5 V
Room
–0.001
mA
Logic Supply Current
IL
IN
Room
0.001
Ground Current
IGND
Room
–0.001
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com