Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6125 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6125
Description  High Speed Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6125 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6125 Datasheet HTML 1Page - National Semiconductor (TI) LM6125 Datasheet HTML 2Page - National Semiconductor (TI) LM6125 Datasheet HTML 3Page - National Semiconductor (TI) LM6125 Datasheet HTML 4Page - National Semiconductor (TI) LM6125 Datasheet HTML 5Page - National Semiconductor (TI) LM6125 Datasheet HTML 6Page - National Semiconductor (TI) LM6125 Datasheet HTML 7Page - National Semiconductor (TI) LM6125 Datasheet HTML 8Page - National Semiconductor (TI) LM6125 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for Supply Voltage = ±15V, V
CM = 0, RL ≥ 100 kΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typ
LM6125
LM6225
LM6325
Units
Limit
Limit
Limit
(Notes 5, 10)
(Note 5)
(Note 5)
I
OH
Flag Pin Output
V
OH Flag Pin = 15V
0.01
10
10
10
µA
High Current
(Note 6)
20
20
20
Max
V
TH
Shutdown Threshold
1.4
V
V
IH
Shutdown Pin
2.0
2.0
2.0
V
Trip Point High
2.0
2.0
2.0
Min
V
IL
Shutdown Pin
0.8
0.8
0.8
V
Trip Point Low
0.8
0.8
0.8
Max
I
IL
Shutdown Pin
V
S/D = 0V
−0.07
−10
−10
−10
µA
Input Low Current
−20
−20
−20
Max
I
IH
Shutdown Pin
V
S/D = 5V
−0.05
−10
−10
−10
µA
Input High Current
−20
−20
−20
Max
I
O
Bi-State Output
Current
Shutdown Pin = 0V
1
50
50
100
µA
V
OUT = +5V or −5V
2000
100
200
AC Electrical Characteristics
The following specifications apply for Supply Voltage = ±15V, V
CM = 0, RL ≥ 100 kΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typ
LM6125
LM6225
LM6325
Units
Limit
Limit
Limit
(Note 5)
(Note 5)
(Note 5)
SR
1
Slew Rate 1
V
IN = ±11V, RL = 1kΩ
1200
V/µs
Min
SR
2
Slew Rate 2
V
IN = ±11V, RL = 50Ω
800
550
550
550
(Note 8)
SR
3
Slew Rate 3
V
IN = 2VPP,RL = 50Ω
50
V+ = 5V (Note 6)
BW
−3 dB Bandwidth
V
IN = 100 mVPP
50
30
30
30
MHz
R
L = 50Ω,CL ≤ 10 pF
Min
t
r,tf
Rise Time
R
L = 50Ω,CL ≤ 10 pF
8.0
ns
Fall Time
V
O = 100 mVPP
t
PD
Propagation
R
L = 50Ω,CL ≤ 10 pF
4.0
ns
Delay Time
V
O = 100 mVPP
O
S
Overshoot
R
L = 50Ω,CL ≤ 10 pF
10
%
V
O = 100 mVPP
V
FT
V
IN,VOUT Feedthrough
Shutdown Pin = 0V
in Shutdown
V
IN = 4VPP, 1 MHz
−50
dB
R
L = 50Ω
C
OUT
Output Capacitance
Shutdown Pin = 0V
30
pF
in Shutdown
t
SD
Shutdown
700
ns
Response Time
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 3: During current limit, thermal limit, or electronic shutdown the input current will increase if the input to output differential voltage exceeds 8V. See Overvoltage
Protection in Application Hints.
Note 4: The LM6125 series buffers contain current limit and thermal shutdown to protect against fault conditions.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com