Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4AM11 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 4AM11
Description  Silicon N-Channel/P-Channel Power MOS FET Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

4AM11 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  4AM11 Datasheet HTML 1Page - Hitachi Semiconductor 4AM11 Datasheet HTML 2Page - Hitachi Semiconductor 4AM11 Datasheet HTML 3Page - Hitachi Semiconductor 4AM11 Datasheet HTML 4Page - Hitachi Semiconductor 4AM11 Datasheet HTML 5Page - Hitachi Semiconductor 4AM11 Datasheet HTML 6Page - Hitachi Semiconductor 4AM11 Datasheet HTML 7Page - Hitachi Semiconductor 4AM11 Datasheet HTML 8Page - Hitachi Semiconductor 4AM11 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4AM11
3
Electrical Characteristics (Ta = 25°C) (1 Unit)
N channel
P channel
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Drain to source
breakdown voltage
V(BR)DS
S
60
–60
V
ID = 10 mA, VGS = 0
Gate to source
breakdown voltage
V(BR)GS
S
±20
±20
V
IG = ±100 µA, VDS =
0
Gate to source leak
current
IGSS
±10
±10
µA
VGS = ±16 V, VDS =
0
Zero gate voltage drain
current
IDSS
250
–250
µA
VDS = 50 V, VGS = 0
Gate to source cutoff
voltage
VGS(off) 1.0
2.0
–1.0
–2.0
V
ID = 1 mA, VDS = 10
V
Static drain to source on
state resistance
RDS(on) —
0.13
0.17
0.15
0.2
ID = 2.5 A,
VGS = 10 V*
1
0.18
0.24
0.20
0.27
ID = 2.5 A, VGS = 4
V*1
Forward transfer
admittance
|yfs|
2.7
4.5
2.7
5.0
S
ID = 2.5 A,
VDS = 10 V*
1
Input capacitance
Ciss
400
900
pF
VDS = 10 V, VGS = 0,
Output capacitance
Coss
220
460
pF
f = 1 MHz
Reverse transfer
capacitance
Crss
60
130
pF
Turn-on delay time
td(on)
5
8
ns
ID = 2.5 A, VGS = 10
V,
Rise time
tr
30
35
ns
RL = 12 Ω
Turn-off delay time
td(off)
170
180
ns
Fall time
tf
75
85
ns
Body to drain diode
forward voltage
VDF
1.0
–1.0
V
IF = 5 A, VGS = 0
Body to drain diode
reverse recovery time
trr
100
170
µs
IF = 5 A, VGS = 0,
dIF/dt = 50 A/µs
Note:
1. Pulse Test
Polarity of test conditions for P channel device is reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com