Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2Y0D340K Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2Y0D340K
Description  Compact Distance Measuring Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y0D340K Datasheet(HTML) 2 Page - Sharp Corporation

  GP2Y0D340K Datasheet HTML 1Page - Sharp Corporation GP2Y0D340K Datasheet HTML 2Page - Sharp Corporation GP2Y0D340K Datasheet HTML 3Page - Sharp Corporation GP2Y0D340K Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s Electro-optical Characteristics
Fig.2 Timing Chart
GP2Y0D340K
Fig.1 Internal Block Diagram
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Distance measuring range
Output terminal voltage
∆L
−
−
28
VCC
−0.3
−
−
10
−
cm
mA
Distance characteristics of output
VOH
VOL
VO
ICC
Output voltage at High
*1
Output voltage at Low
*1
at R1
=1Ω
−
0.6
60
V
V
Average dissipation current
40
35
45
35
cm
*1 *3
*1 *4 *2
(Ta
=25˚C, V
CC
=5V)
Note) L : Distance to reflective object
*1 Using reflective object : White paper (Made by Kodak Co. Ltd. gray cards R-27
⋅ white face, reflective ratio;90%)
*2 We ship the device after the following adjustment : Output switching distance L
=40cm±5cm must be measured by the sensor
*3 Distance measuring range of the optical sensor system
*4 Output switching has a hysteresis width. The distance specified by Vo should be the one with which the output L switches to the output H
VCC
C1
R1
VO
GND
PSD
LED
REG
LED_FB
Voltage
regulator
Output
circuit
Distance measuring IC
C1
=(1µF)
R1
=1Ω (LED current TYP. 300mA)
Signal
processing
circuit
Oscillation
circuit
LED drive
circuit
TYP. 6.4ms
TYP. 3.2ms
TYP. 6.4ms
VO (Output)
Unstable output
First output
Second output
VCC
(Power supply)
First measurment
Stand by period
Distance
measuring
operation
Second measurment
nth
measurment
nth output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com