Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL7100 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL7100
Description  High Speed CMOS Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7100 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL7100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1-406
Parameter
Symbol
Min.
Max.
Unit
Storage Temperature
T
S
-55
125
°C
Ambient Operating Temperature
T
A
-40
85
°C
Supply Voltages
VDD1,2
0.0
5.5
V
Input Voltage
V
I
-0.5
V
DD1 + 0.5
V
Output Voltage
V
O
-0.5
V
DD2 + 0.5
V
Output Enable Voltage
VOE
-0.5
VDD2 + 0.5
V
Average Output Current
I
O
25
mA
Package Power Dissipation
P
PD
220
mW
Lead Solder Temperature
TLS
260
°C
(1.6 mm Below Seating Plane, 10 sec.)
Reflow Temperature Profile
See Package Outline Drawings Section
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Operating Temperature
TA
-40
85
°C
Supply Voltages
VDD1,2
4.5
5.5
V
Logic High Input Voltage
VIH
2.0
VDD1
V
Logic Low Input Voltage
V
IL
0.0
0.8
V
Logic High Output
V
OEH
2.0
V
DD2
V
Output in high impedance
Enable Voltage
state
Logic Low Output
V
OEL
0.0
0.8
V
Output enabled
Enable Voltage
Input Signal Rise and
t
r, tf
1ms
Fall Times
TTL Fanout
N
6
Standard Loads
Absolute Maximum Ratings
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com