Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0630 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-0630
Description  Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0630 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0630 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Figure 9. Propagation Delay vs.
Pulse Input Current.
Figure 10. Pulse Width Distortion
vs. Temperature.
Figure 11. Rise and Fall Time vs.
Temperature.
Figure 14. Recommended TTL/LSTTL to TTL/LSTTL Interface Circuit.
300
290
-60
-20
20
60
100
T – TEMPERATURE –
°C
A
60
80
40
0
-40
0
40
R = 1 K
Ω
L
V
= 5.0 V
I
= 7.5 mA
F
CC
R = 4 K
Ω
L
R = 350
Ω
L
R = 350
Ω, 1 KΩ, 4 KΩ
L
t FALL
t RISE
20
V
= 5.0 V
I
= 7.5 mA
F
CC
40
30
-20
20
60
100
T – TEMPERATURE –
°C
A
20
80
40
0
-40
10
R
= 350
Ω
L
R
= 1 k
Ω
L
R
= 4 k
Ω
L
0
-60
V
= 5.0 V
T
= 25
°C
CC
A
105
90
59
13
I – PULSE INPUT CURRENT – mA
F
75
15
11
7
30
60
45
t
, R = 4 K
Ω
PLH
L
t
, R = 1 K
Ω
PLH
L
t
, R = 350
Ω
PHL
L
1 K
Ω
4 K
Ω
t
, R = 350
Ω
PLH
L
*DIODE D1 (1N916 OR EQUIVALENT) IS NOT REQUIRED FOR UNITS WITH OPEN COLLECTOR OUTPUT.
VCC1
5 V
GND 1
470
*D1
I F
VF
SHIELD
CHANNEL 1 SHOWN
8
7
5
390
Ω
0.1
µF
BYPASS
1
1
2
+
–
5 V
GND 2
VCC2
2
Figure 12. Test Circuit for Common Mode
Transient Immunity and Typical Waveforms.
Figure 13. Temperature Coefficient of
Forward Voltage vs. Input Current.
0.1
1
10
100
I – PULSE INPUT CURRENT – mA
F
-1.4
-2.2
-2.0
-1.8
-1.6
-1.2
-2.4
V
O
0.5 V
O
V
(min.)
5 V
0 V
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 7.5 mA
F
CM
V
H
CM
CM L
O
V
(max.)
CM
V
(PEAK)
VO
+5 V
0.1
µF
BYPASS
OUTPUT V
MONITORING
NODE
O
PULSE GEN.
Z
= 50
Ω
O
CM
V
+
_
A
350
Ω
1
2
3
4
5
6
8
CC
V
GND
B
IF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com