Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0631 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-0631
Description  Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0631 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-0631 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Outline Drawing - SO-8
Outline Drawing - Option 300
0.635
± 0.25
(0.025
± 0.010)
12
° NOM.
0.255
± 0.075
(0.010
± 0.003)
9.65
± 0.25
(0.380
± 0.010)
0.51
± 0.130
(0.020
± 0.005)
1.080
± 0.320
(0.043
± 0.013)
2.540
(0.100)
BSC
1.19
(0.047)
MAX.
1.780
(0.070)
MAX.
7.62
± 0.25
(0.300
± 0.010)
4
3
2
1
5
6
7
8
9.65
± 0.25
(0.380
± 0.010)
MOLDED
6.350
± 0.25
(0.250
± 0.010)
DIMENSIONS IN mm (IN.)
TOLERANCES: xx.xx = 0.01
xx.xxx = 0.005
(unless otherwise specified)
0.040 (0.0016)
0.047 (0.0019)
0.047 (0.0019)
0.070 (0.0028)
0.190
(0.0076)
TYP.
4.19
(0.165)
MAX.
LEAD COPLANARITY
MAXIMUM: 0.102 (0.004)
[2] [5]
PIN LOCATION (FOR REFERENCE ONLY)
0.015 (0.0006)
0.025 (0.001)
0.380
± 0.010
(0.0152
± 0.0004)
0.381
± 0.076
(0.016
± 0.003)
XXX
YWW
8
765
4
3
2
1
PIN
ONE
7
°
5.842
± 0.203
(0.236
± 0.008)
3.937
± 0.127
(0.155
± 0.005)
1.270
(0.050)
BSG
1.524
(0.060)
45
° X
0.432
(0.017)
0.152
± 0.051
(0.006
± 0.002)
LEAD COPLANARITY
± 0.051
(0.002)
TYPE NUMBER (LAST 3 DIGITS)
DATE CODE
"HP" IS MARKED ON THE UNDERSIDE
OF THE PACKAGE
3.175
± 0.127
(0.125
± 0.005)
5.080
± 0.005
(0.200
± 0.005)
0.228
± 0.025
(0.009
± 0.001)
0.406
(0.016)
MIN
DIMENSIONS IN MILLIMETERS AND (INCHES).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com