Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC705LP4E Datasheet(PDF) 12 Page - Analog Devices

Part # HMC705LP4E
Description  Point-to-Point Radios
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC705LP4E Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC705LP4E Datasheet HTML 4Page - Analog Devices HMC705LP4E Datasheet HTML 5Page - Analog Devices HMC705LP4E Datasheet HTML 6Page - Analog Devices HMC705LP4E Datasheet HTML 7Page - Analog Devices HMC705LP4E Datasheet HTML 8Page - Analog Devices HMC705LP4E Datasheet HTML 9Page - Analog Devices HMC705LP4E Datasheet HTML 10Page - Analog Devices HMC705LP4E Datasheet HTML 11Page - Analog Devices HMC705LP4E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC705LP4 / HMC705LP4E
v04.0212
6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
CMOS/TTL Input Characteristics
Maximum input Logic “0” voltage (v
iL MAXiMuM) = 1.1v @ 1 µA.
Minimum input Logic “1” voltage (v
iH MiniMuM) = 1.8v @ 50 µA.
input iv characteristics for the logic inputs (s0, n0 - n2, Divi, ByP) are shown below:
-0.1
0
0.1
0.2
0.3
0.4
01
23
45
Input Voltage (V)
V
IL MAX
V
IH MIN
Typical Application Showing Spurious Performance
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com