Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP173Q552B-TR-FE Datasheet(PDF) 15 Page - RICOH electronics devices division

Part # RP173Q552B-TR-FE
Description  Output Current Typ. 150mA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173Q552B-TR-FE Datasheet(HTML) 15 Page - RICOH electronics devices division

Back Button RP173Q552B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 15Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 16Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 17Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 18Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 19Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
RP173x
15
8) Ripple Rejection vs. Input Vias Voltage (C1
=none, C2=Ceramic 0.1μF, Ripple=0.2Vp-p, Topt=25°C)
RP173x28xx
RP173x28xx
0
10
20
30
40
50
60
24
68
10
Input Bias Voltage VIN (V)
100Hz
1kHz
10kHz
100kHz
IOUT=1mA
0
10
20
30
40
50
60
24
6
8
10
Input Bias Voltage VIN (V)
100Hz
1kHz
10kHz
100kHz
IOUT=30mA
RP173x28xx
0
10
20
30
40
50
60
24
68
10
Input Bias Voltage VIN (V)
100Hz
1kHz
10kHz
100kHz
IOUT=50mA
9) Ripple Rejection vs.Temperature (C1
=none, C2=Ceramic 0.1μF, Ripple=0.2Vp-p, Topt=25°C)
RP173x12xx
RP173x18xx
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
Frequency f (kHz)
Iout=1mA
Iout=30mA
Iout=50mA
VIN=2.5V
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
Frequency f (kHz)
Iout=1mA
Iout=30mA
Iout=50mA
VIN=2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com