Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1623SA Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1623SA
Description  PWM Control Step-Down Switching Regulator-Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1623SA Datasheet(HTML) 4 Page - Anachip Corp

  AP1623SA Datasheet HTML 1Page - Anachip Corp AP1623SA Datasheet HTML 2Page - Anachip Corp AP1623SA Datasheet HTML 3Page - Anachip Corp AP1623SA Datasheet HTML 4Page - Anachip Corp AP1623SA Datasheet HTML 5Page - Anachip Corp AP1623SA Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP1623
PWM Control Step-Down Switching Regulator-Controllers
Anachip Corp.
www.anachip.com.tw
Rev. 0.1 Feb 10, 2004
4/6
Typical Application Circuit
(
1) Normal Application
Oscillation
Circuit
Reference Voltage
Source with
Soft Start
PWM-Switched
Control Circuit
+
-
AP1623
+
-
V
SS
ON/OFF
C
C
R
A
R
B
D1
OUT
V
OUT
R
1
R
2
PVCC
SW
VCC
RVCC
CVCC
(
2) Application with Short Circuit Protection
AP1623
+
-
V
SS
ON/OFF
C
C
R
A
R
B
D1
VOUT : 1.8V
V
OUT
PVCC
SW
VCC
DVCC
1N4148 for above 5V Vin and
Schottky for below 5V Vin
CVCC
0.1uF
CPVCC
100uF
CON/OFF
0.33uF
RON/OFF
1M
RBias
4.7M
RSENCE
47K
COUTPUT
100uF
VIN : 3.3V~16V
Test Circuit
A
VOUT
VCC
VSS
ON/OFF
open
open
VOUT
VCC
VSS
ON/OFF
+
-
SW
SW
PVCC
PVCC
A
VOUT
VCC
VSS
ON/OFF
+
-
+
-
V
SW
PVCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com