Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M050264 Datasheet(PDF) 1 Page - E-SWITCH

Part # M050264
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M050264 Datasheet(HTML) 1 Page - E-SWITCH

  M050264 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R5GWHTWHTHF0
1:1
3/14/2016
M050264
A
MW
1
1
2a
2
2b
2b
1b
RECOMMENDED PANEL MOUNTING
0.75-1.25
PANEL THICKNESS
1.25-2.00
2.00-3.00
30.6-30.8
30.2-30.4
30.0-30.2
X
32.10
[1.264 in]
25.20
[.992 in]
19.50
[.77 in]
9.60
[.38 in]
6.35
[.250 in]
17.2
[.68 in]
ACTUATOR:
WHITE
A
22196
RELEASE FOR PRODUCTION
3/14/16
MW
4.30
[.17 in]
2.00
[.08 in]
.80
[.031 in]
11.40
[.45 in]
11.00
[.433 in]
X
22.25 .05
.876 .002 in
[
]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 10A @250VAC UL APPROVED
15A @125VAC UL APPROVED
16A @250VAC VDE APPROVED
5. ELECTRICAL LIFE: 10,000 CYCLES
6. MECHANICAL LIFE: 30,000 CYCLES
7. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
8. DIELECTRIC STRENGTH: >1,500V AC 1MIN
9. INSULATION RESISTANCE: >1000MOHMS
10. OPERATING TEMP: TERMINAL SIDE: -20 C to 85 C
ROCKER SIDE: -20 C to 55 C
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
(ON)
(ON)
1-1b,2-2b
OPEN
1-1a,2-2a
POSITION
3
POSITION
1
HOUSING:
WHITE
1
2
1a
2a
CIRCUIT: DPDT
(ON) OFF (ON)
( ) = MOMENTARY
2b
1b
11.40
[.45 in]
POSITION
2
GRAPHICS
COLOR: BLACK
( ) = MOMENTARY


Similar Part No. - M050264

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M050260 E-SWITCH-M050260 Datasheet
148Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M050261 E-SWITCH-M050261 Datasheet
131Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M050262 E-SWITCH-M050262 Datasheet
159Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M050263 E-SWITCH-M050263 Datasheet
132Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M050265 E-SWITCH-M050265 Datasheet
189Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - M050264

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com