Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE564 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE564
Description  Operation with single 5V supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE564 Datasheet(HTML) 4 Page - NXP Semiconductors

  NE564 Datasheet HTML 1Page - NXP Semiconductors NE564 Datasheet HTML 2Page - NXP Semiconductors NE564 Datasheet HTML 3Page - NXP Semiconductors NE564 Datasheet HTML 4Page - NXP Semiconductors NE564 Datasheet HTML 5Page - NXP Semiconductors NE564 Datasheet HTML 6Page - NXP Semiconductors NE564 Datasheet HTML 7Page - NXP Semiconductors NE564 Datasheet HTML 8Page - NXP Semiconductors NE564 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Product specification
NE/SE564
Phase-locked loop
1994 Aug 31
4
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
IBIAS = 200µA
VCO FREQUENCY
IN MHz
IBIAS = 00µA
1.6
1.4
1.2
0
fo = 1.0MHz
–400
–200
200
400
600
800
VDIN mV
.8
.6
IBIAS = 800µA
40
60
100
120
140
160
0 – PHASE
ERROR IN
DEGREES
800
600
400
200
–200
–400
–600
–800
VD – PHASE COMPARATOR’S
OUTPUT VOLTAGE IN mV
IBIAS = 800µA
IBIAS = 400µA
IBIAS = 0µA
Variation of the Comparator’s Output Voltage
vs Phase Error and Bias Current (KD)
VCO Output Frequency as a Function of
Input Voltage and Bias Current (KO)
SR01028
Figure 4. Typical Performance Characteristics (cont.)
TEST CIRCUIT
+5V
INPUT
C3
0.1
µF
1K
C2
C2
R2
430pF
R2
430pF
R1
R3
1
2
10
16
9
3
14
13
12
8
5
4
7
6
564
15
pF
VCO
OUYPUT
390
DEMODULATED
OUTPUT
C1
0.1
µF
1K
SR01029
Figure 5. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com