Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA148X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA148X
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA148X Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA148X Datasheet HTML 1Page - NXP Semiconductors PCA148X Datasheet HTML 2Page - NXP Semiconductors PCA148X Datasheet HTML 3Page - NXP Semiconductors PCA148X Datasheet HTML 4Page - NXP Semiconductors PCA148X Datasheet HTML 5Page - NXP Semiconductors PCA148X Datasheet HTML 6Page - NXP Semiconductors PCA148X Datasheet HTML 7Page - NXP Semiconductors PCA148X Datasheet HTML 8Page - NXP Semiconductors PCA148X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MSA970
STAGE 1
STAGE 2
STAGE 3
STAGE 4
STAGE 5
t
= 3.9 ms
P3
t
= 5.86 ms
P2
t
= 7.81 ms
P1
43.75 %
50.00 %
56.25 %
62.50 %
68.75 %
75.00 %
tt
DF
DF
SOFF
=
t
ONL
t
SOFF
t
DF
t
= 977
µs
SON
t
t
= 244
µs
SONF
ON
t
= SON
tt DF
STAGE 6
Fig.3 Motor pulses (VDD = 1.55 V).
tOFF for stage 1 to 6 = 611 µs − stage × 61 µs
tON for stage 1 to 6 = 366 µs + stage × 61 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com