Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA146X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA146X
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA146X Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA146X Datasheet HTML 1Page - NXP Semiconductors PCA146X Datasheet HTML 2Page - NXP Semiconductors PCA146X Datasheet HTML 3Page - NXP Semiconductors PCA146X Datasheet HTML 4Page - NXP Semiconductors PCA146X Datasheet HTML 5Page - NXP Semiconductors PCA146X Datasheet HTML 6Page - NXP Semiconductors PCA146X Datasheet HTML 7Page - NXP Semiconductors PCA146X Datasheet HTML 8Page - NXP Semiconductors PCA146X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1998 Apr 21
3
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA146x series
PINNING
SYMBOL
PIN
DESCRIPTION
VSS
1
ground (0 V)
TEST
2
test output
OSC IN
3
oscillator input
OSC OUT
4
oscillator output
VDD
5
supply voltage
M1
6
motor 1 output
M2
7
motor 2 output
RESET
8
reset input
Fig.1 Pin configuration, PCA146xT, (PMFP8).
1
2
3
4
8
7
6
5
PCA146xT
VSS
TEST
OSC IN
OSC OUT
RESET
M2
M1
VDD
MSA937
FUNCTIONAL DESCRIPTION AND TESTING
The motor output delivers pulses of six different stages
depending on the torque required to turn the motor
(Figs. 3 and 4). Every motor pulse is followed by a
detection phase which monitors the waveform of the
induced motor voltage. When a step is missed a correction
sequence will be started (Fig.2).
Motor pulses
The circuit produces motor pulses of six different stages
(stage 1 to 5, stage 8). Each stage has two independent
modes: silver-oxide and lithium. The voltage level of VDD
determines which mode is selected (see Section “Voltage
level detector”).
Stages 1 to 5 (both modes) are used in normal operation,
stage 8 occurs under the following conditions:
• Correction pulse after a missing step (both modes)
• End-of-life mode
• If stage 5 is not enough to turn the motor (both modes).
In the silver-oxide mode, the ON state of the motor pulse
varies between 56.25% and 100% of the duty factor
tDF = 977 µs depending on the stage (Fig.3). It increases
in steps of 6.25% per stage.
In the lithium mode, the ON state of the motor pulse is
reduced by 18.75% of the duty factor tDF (Fig.4) to
compensate for the increase in the voltage level.
After a RESET the circuit always starts and continues with
stage 1, when all motor pulses have been executed.
A failure to execute all motor pulses results in the circuit
going into stage 2, this sequence will be repeated through
to stage 8.
When the motor pulses at stage 5 are not large enough to
turn the motor, stage 8 is implemented for a maximum of
8 minutes with no attempt to keep current consumption
low. After stage 8 has been executed the procedure is
repeated from RESET.
The circuit operates for 8 minutes at a fixed stage, if every
motor pulse is executed. The next 480 motor pulses are
then produced at the next lower stage unless a missing
step is detected. If a step is missed a correction sequence
is produced and for a maximum of 8 minutes the motor
pulses are increased by one stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com