Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA1676U/10 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA1676U/10
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1676U/10 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA1676U/10 Datasheet HTML 1Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 2Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 3Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 4Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 5Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 6Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 7Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 8Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Product specification
Supersedes data of 1997 Apr 22
File under Integrated Circuits, IC16
1998 Apr 03
INTEGRATED CIRCUITS
PCA167x series
32 kHz watch circuits using a
silver-oxide or a 3 V lithium battery


Similar Part No. - PCA1676U/10

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PCA16 LUMINIS-PCA16 Datasheet
102Kb / 2P
4?쒭ia. aluminum poles
logo
NXP Semiconductors
PCA1601U/10 PHILIPS-PCA1601U/10 Datasheet
89Kb / 16P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
PCA1601U/10 NXP-PCA1601U/10 Datasheet
81Kb / 16P
32 kHz watch circuits with EEPROM
1997 Dec 12
PCA1602T PHILIPS-PCA1602T Datasheet
89Kb / 16P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
PCA1602T NXP-PCA1602T Datasheet
81Kb / 16P
32 kHz watch circuits with EEPROM
1997 Dec 12
More results

Similar Description - PCA1676U/10

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9131 ICST-ICS9131 Datasheet
295Kb / 8P
32 KhZ Motherboard Frequency Generator
Rev B 052897
logo
List of Unclassifed Man...
HG-1012JA ETC1-HG-1012JA Datasheet
111Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
HG-1000 EPSON-HG-1000 Datasheet
82Kb / 2P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
TEMEX
RPT7050D TEMEX-RPT7050D Datasheet
245Kb / 2P
Excellent frequency stability over temperature
RPT7050G TEMEX-RPT7050G Datasheet
256Kb / 2P
Excellent frequency stability over temperature
logo
NXP Semiconductors
PCA148X PHILIPS-PCA148X Datasheet
121Kb / 20P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 21
PCA146X PHILIPS-PCA146X Datasheet
135Kb / 24P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 21
PCA16XX PHILIPS-PCA16XX Datasheet
89Kb / 16P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com