Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89C51RC Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P89C51RC
Description  80C51 Central Processing Unit
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RC Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P89C51RC Datasheet HTML 15Page - NXP Semiconductors P89C51RC Datasheet HTML 16Page - NXP Semiconductors P89C51RC Datasheet HTML 17Page - NXP Semiconductors P89C51RC Datasheet HTML 18Page - NXP Semiconductors P89C51RC Datasheet HTML 19Page - NXP Semiconductors P89C51RC Datasheet HTML 20Page - NXP Semiconductors P89C51RC Datasheet HTML 21Page - NXP Semiconductors P89C51RC Datasheet HTML 22Page - NXP Semiconductors P89C51RC Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
Philips Semiconductors
Product specification
P89C51RC+/P89C51RD+
80C51 8-bit Flash microcontroller family
32K/64K ISP FLASH with 512–1K RAM
1999 Oct 27
19
PX0
IP (0B8H)
Priority Bit = 1 assigns high priority
Priority Bit = 0 assigns low priority
BIT
SYMBOL
FUNCTION
IP.7
—
Not implemented, reserved for future use.
IP.6
PPC
PCA interrupt priority bit
IP.5
PT2
Timer 2 interrupt priority bit.
IP.4
PS
Serial Port interrupt priority bit.
IP.3
PT1
Timer 1 interrupt priority bit.
IP.2
PX1
External interrupt 1 priority bit.
IP.1
PT0
Timer 0 interrupt priority bit.
IP.0
PX0
External interrupt 0 priority bit.
SU01038
PT0
PX1
PT1
PS
PT2
PPC
—
0
1
2
3
4
5
6
7
Figure 11. IP Registers
PX0H
IPH (B7H)
Priority Bit = 1 assigns higher priority
Priority Bit = 0 assigns lower priority
BIT
SYMBOL
FUNCTION
IPH.7
—
Not implemented, reserved for future use.
IPH.6
PPCH
PCA interrupt priority bit
IPH.5
PT2H
Timer 2 interrupt priority bit high.
IPH.4
PSH
Serial Port interrupt priority bit high.
IPH.3
PT1H
Timer 1 interrupt priority bit high.
IPH.2
PX1H
External interrupt 1 priority bit high.
IPH.1
PT0H
Timer 0 interrupt priority bit high.
IPH.0
PX0H
External interrupt 0 priority bit high.
SU01039
PT0H
PX1H
PT1H
PSH
PT2H
PPCH
—
0
1
2
3
4
5
6
7
Figure 12. IPH Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com