Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83CX80 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P83CX80
Description  80C51 type core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CX80 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P83CX80 Datasheet HTML 17Page - NXP Semiconductors P83CX80 Datasheet HTML 18Page - NXP Semiconductors P83CX80 Datasheet HTML 19Page - NXP Semiconductors P83CX80 Datasheet HTML 20Page - NXP Semiconductors P83CX80 Datasheet HTML 21Page - NXP Semiconductors P83CX80 Datasheet HTML 22Page - NXP Semiconductors P83CX80 Datasheet HTML 23Page - NXP Semiconductors P83CX80 Datasheet HTML 24Page - NXP Semiconductors P83CX80 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
1997 Dec 12
21
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
9
WATCHDOG TIMER
In addition to the standard timers, a Watchdog Timer
consisting of an 10-bit prescaler and an 8-bit timer is also
incorporated. The timer is increased every 19.5 ms for an
oscillator frequency of 16 MHz; this is derived from the
oscillator frequency (fclk) by the formula:
When a timer overflow occurs, the microcontroller is reset.
To prevent a system reset, the timer must be reloaded
before an overflows occurs, by the application software.
If the processor suffers a hardware/software malfunction,
the software will fail to reload the timer. This failure will
produce a reset upon overflow thus preventing the
processor running out of control.
The Watchdog Timer can only be reloaded if the condition
flag WLE (PCON.4) has been previously set by software.
At the moment the counter is loaded the condition flag is
automatically cleared.
In the Idle mode the Watchdog Timer and reset circuitry
remain active.
The time interval between timer reloading and the
occurrence of a reset, depends on the reloaded value.
f
timer
f
clk
304
1024
×
-----------------------------
=
The Watchdog Timer’s time interval is:
Where T2 = decimal value of the T2 register contents and
t1 = 15.2 µs (fclk = 10 MHz); t1 = 12.7 µs (fclk = 12 MHz)
and t1 =19 µs (fclk = 16 MHz).
For example, this may range from 19.5 ms to 5.0 s when
using an oscillator frequency of 16 MHz.
Table 27 lists the resolution and the maximum time interval
of the Watchdog Timer using different system clocks.
The Watchdog Timer is controlled by the Watchdog control
bits:
• EW2; DFCON.7 (SFR address C0H)
• EW1; PWM10H.7 (SFR address C6H)
• EW0; PWM10L.7 (SFR address C6H).
Only when EW2 to EW0 = 101 the Watchdog Timer is
disabled and allows the Power-down mode to be enabled.
The rest of pattern combinations will keep the Watchdog
Timer enabled and disable the Power-down mode.
This security key with multiple flags split in two SFRs will
prevent the Watchdog Timer from being terminated
abnormally when the function of the Watchdog Timer is
needed.
tt
1
1024
256
T2
–
()
-----------------------------
×
=
Table 27 Resolution and the maximum time interval of the WDT
fclk
(MHz)
PRESCALER FACTOR
RESOLUTION
(ms)
MAXIMUM TIME INTERVAL
(s)
10
152
15.56
4.0
12
12.97
3.3
16
304
19.46
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com