Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH6519FS Datasheet(PDF) 1 Page - Rohm

Part # BH6519FS
Description  4-channel PWM driver for CD, MD player
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6519FS Datasheet(HTML) 1 Page - Rohm

  BH6519FS Datasheet HTML 1Page - Rohm BH6519FS Datasheet HTML 2Page - Rohm BH6519FS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-channel PWM driver for CD, MD player
BH6519FS
Description
Dimension (Units : mm)
Features
Applications
The BH6519FS is a 4-channel PWM driver developed
for both motor and actuator driving functions in CD and
MD players. The device requires lower power consumption
due to the adoption of power MOSFET in the output.
00W137A
1) Built-in 4ch power MOSFET H bridge
2) PWM input
3) Built-in charge pump circuit for VG step-up
4) ON resistance 1.2
Ω(Typ.)
5) Built-in thermal shut down circuit
6) Low power consumption
7) Small SSOP-A32 package
SSOP-A32
CD, MD players
February, 2001
16
1
0.8
0.36
±0. 1
13.6
±0.2
32
17
0.3Min
0. 15
Absolute Maximum Ratings (Ta=25˚C)
H bridge supply voltage
Control circuit supply voltage
Pre-driver supply voltage
Driver output current
Parameter
Symbol
Limits
Unit
VM
VDD
VG (2pin)
Io
9
9
12
1000
V
V
mA
V
–40
–55
850
~
~
+85
+150
mW
˚C
˚C
Pd
Topr
Tstg
Power dissipation
Operating temperature range
Storage temperature range
∗
∗Derating : 6.8mW/˚C for operation above Ta=25˚C
70mmx70mm, t=1.6mm, glass epoxy mounting.
∗When the built-in charge pump is not used. When it is used : 2.7V~5.5V
H bridge supply voltage
VM
5.0
1.6
5.5
V
Recommended Operating Conditions (Ta=25˚C)
Parameter
Min.
Max.
Unit
Typ.
Symbol
2.7
VM+3.0
–
3.0
10
176.4
5.5
11.5
200
V
V
kHz
VDD
VG(2pin)
fIN
Control circuit supply voltage
Pre-driver supply voltage
Pulse input frequency
∗


Similar Part No. - BH6519FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6510FS ROHM-BH6510FS Datasheet
137Kb / 8P
4-channel PWM driver for CD and MD players
BH6511 ROHM-BH6511 Datasheet
140Kb / 8P
4-channel PWM driver for CD and MD players
BH6511FS ROHM-BH6511FS Datasheet
140Kb / 8P
4-channel PWM driver for CD and MD players
BH6512FS ROHM-BH6512FS Datasheet
116Kb / 6P
4-channel PWM driver for CD and MD use
BH6513FS ROHM-BH6513FS Datasheet
116Kb / 6P
4-channel PWM driver for CD and MD use
More results

Similar Description - BH6519FS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8746SA PANASONIC-AN8746SA Datasheet
53Kb / 5P
PWM driver IC for portable CD player
logo
Rohm
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
4-channel BTL driver for CD player and CD-ROM drives
BH6504K ROHM-BH6504K Datasheet
271Kb / 15P
PWM driver for CD and MD players
BH6505K ROHM-BH6505K Datasheet
209Kb / 12P
PWM driver for CD and MD players
BH6510FS ROHM-BH6510FS Datasheet
137Kb / 8P
4-channel PWM driver for CD and MD players
BH6511FS ROHM-BH6511FS Datasheet
140Kb / 8P
4-channel PWM driver for CD and MD players
BH6512FS ROHM-BH6512FS Datasheet
116Kb / 6P
4-channel PWM driver for CD and MD use
BH6518FS ROHM-BH6518FS Datasheet
164Kb / 7P
4-channel PWM driver for CD and MD players
logo
Silan Microelectronics ...
SA5901 SILAN-SA5901 Datasheet
386Kb / 24P
4-CHANNEL MOTOR DRIVER FOR PORTABLE CD PLAYER
logo
Sanyo Semicon Device
LA6242H SANYO-LA6242H_09 Datasheet
159Kb / 9P
For CD Player 4-channel Bridge (BTL) Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com