Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C366CBP Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P83C366CBP
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366CBP Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P83C366CBP Datasheet HTML 45Page - NXP Semiconductors P83C366CBP Datasheet HTML 46Page - NXP Semiconductors P83C366CBP Datasheet HTML 47Page - NXP Semiconductors P83C366CBP Datasheet HTML 48Page - NXP Semiconductors P83C366CBP Datasheet HTML 49Page - NXP Semiconductors P83C366CBP Datasheet HTML 50Page - NXP Semiconductors P83C366CBP Datasheet HTML 51Page - NXP Semiconductors P83C366CBP Datasheet HTML 52Page - NXP Semiconductors P83C366CBP Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
1999 Mar 10
49
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.3
OSD registers
17.3.1
OSD DEFAULT REGISTER (OSDDEF)
This register is used to set the default values for background colour, character size and sub-mode after each VSYNC
pulse. After a system reset OSDDEF holds 22H. These values can be changed by writing new data to OSDDEF or by
starting the screen with a space code (SP1 or SP2) and a CR code.
Table 49 OSD Default Register (SFR address 9CH)
Table 50 Description of OSDEF bits
Table 51 Default sub-mode selection
The default value of OSDDEF gives the following initial settings:
• Character size = 1 horizontal line/1 DOSC (Fig.31)
• Background colour = blue (R = G = 0, B = 1)
• Sub-mode = Box background mode.
76543210
RG
B
−
SV
SH
M1
M0
BIT
SYMBOL
DESCRIPTION
7R
Default background colour. These 3 bits select the default background colour.
6G
5B
4
−
This bit is reserved for future use (intensity output).
3SV
Default character size. If SV = 0, then the vertical dot size is equal to one horizontal
line. If SV = 1, then the vertical dot size is equal to two horizontal lines.
2SH
Default horizontal dot size. If SH = 0, then the horizontal dot size is equal to one OSD
clock. If SH = 1, then the horizontal dot size is equal to two OSD clocks.
1M1
Default sub-mode selection. These 2 bits select the default sub-mode; see Table 51.
0M0
M1
M0
SUB-MODE
0
0
Superimpose mode selected.
0
1
North-West shadowing mode selected.
1
0
Box background mode selected.
1
1
Border shadowing mode selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com